công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPQ2918GL bảng dữ liệu(PDF) 16 Page - Monolithic Power Systems

tên linh kiện MPQ2918GL
Giải thích chi tiết về linh kiện  4V - 40V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPS [Monolithic Power Systems]
Trang chủ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2918GL bảng dữ liệu(HTML) 16 Page - Monolithic Power Systems

Back Button MPQ2918GL Datasheet HTML 12Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 13Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 14Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 15Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 16Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 17Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 18Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 19Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
MPQ2918 – 4V - 40V, CURRENT MODE, SYNC, STEP-DOWN CONTROLLER
MPQ2918 Rev. 1.01
www.MonolithicPower.com
16
8/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
TSSOP-20
Pin #
QFN-20
Pin #
Name
Description
17
15
BG
Bottom gate driver output. Connect BG to the gate of the synchronous
N-channel MOSFET.
18
16
SW
Switch node. SW is the reference for the VBST supply and high-current
returns for the bootstrapped switch.
19
17
TG
Top gate drive. TG drives the gate of the top N-channel synchronous
MOSFET. The TG driver draws power from the BST capacitor and returns
to SW, providing a true floating drive to the top N-channel MOSFET.
20
18
BST
Bootstrap. BST is the positive power supply for the internal, floating, high-
side MOSFET driver. Connect a bypass capacitor between BST and SW.
A diode from VCC1 to BST charges the BST capacitor when the low-side
switch is off.
Exposed
pad
Exposed pad. The exposed pad is on the bottom side of the device. It is
not connected to SGND or PGND electrically. Connect the exposed pad to
SGND and PGND during PCB layout for better thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com