công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BGT24AT2 bảng dữ liệu(PDF) 7 Page - Infineon Technologies AG

tên linh kiện BGT24AT2
Giải thích chi tiết về linh kiện  Silicon Germanium 24 GHz Transmitter MMIC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGT24AT2 bảng dữ liệu(HTML) 7 Page - Infineon Technologies AG

Back Button BGT24AT2 Datasheet HTML 3Page - Infineon Technologies AG BGT24AT2 Datasheet HTML 4Page - Infineon Technologies AG BGT24AT2 Datasheet HTML 5Page - Infineon Technologies AG BGT24AT2 Datasheet HTML 6Page - Infineon Technologies AG BGT24AT2 Datasheet HTML 7Page - Infineon Technologies AG BGT24AT2 Datasheet HTML 8Page - Infineon Technologies AG BGT24AT2 Datasheet HTML 9Page - Infineon Technologies AG BGT24AT2 Datasheet HTML 10Page - Infineon Technologies AG BGT24AT2 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Product Name
Package
Chip
Marking
BGT24AT2
VQFN32-9
T1824
BGT24AT2
Silicon Germanium 24 GHz Transmitter
MMIC
BGT24AT2
Final Data Sheet
7
Revision 3.2, 2016-01-20
1
Features
24 GHz signal source with 2 transmitter outputs and 1 local oscillator
output
External / internal phase inversion and RF pulsing capability
Programmable gain amplifiers (PGA) with 6 bit resolution
Fully integrated low phase noise VCO
Frequency divider with 23.5 MHz output
On chip RF output level and temperature sensors
Multiplexed output of analog sensor signals
Single ended RF terminals
Single supply voltage 3.3 V
Low power consumption 775 mW typ.
200 GHz bipolar SiGe:C technology b7hf200
Fully ESD protected device
VQFN-32-9 leadless plastic package including lead-tip-inspection (LTI) feature
Pb-free (RoHS compliant) package
AEC Q100 qualified
Description
The BGT24AT2 is a low phase noise 24 GHz ISM band multifunction signal source, manufactured in a monolithic
Silicon Germanium semiconductor process technology.
It accommodates a 24 GHz fundamental voltage controlled oscillator and a frequency divider with a division ratio
of 1024. The frequency divider output is differential.
The three individual RF outputs generate a typical output power of +10 dBm, adjustable via SPI-programmable 6
bit DAC’s. Fast pulsing and phase inversion of the transmit signal is provided either using dedicated control inputs
or the 64 bit SPI. Automatic configuration of the LO-output is possible using a dedicated logic.
RF output level sensors as well as a temperature sensor are implemented for monitoring purposes. The analog
sensor signals along with an additional optional analog input are multiplexed to one common output.
The MMIC is manufactured in a 200 GHz, 0.18
μm SiGe:C technology and is packaged in a 32 pin leadless RoHS
compliant VQFN package with LTI feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com