công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

53111-2YA bảng dữ liệu(PDF) 2 Page - Micropac Industries

tên linh kiện 53111-2YA
Giải thích chi tiết về linh kiện  POWER MOSFET OPTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROPAC [Micropac Industries]
Trang chủ  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53111-2YA bảng dữ liệu(HTML) 2 Page - Micropac Industries

  53111-2YA Datasheet HTML 1Page - Micropac Industries 53111-2YA Datasheet HTML 2Page - Micropac Industries 53111-2YA Datasheet HTML 3Page - Micropac Industries 53111-2YA Datasheet HTML 4Page - Micropac Industries 53111-2YA Datasheet HTML 5Page - Micropac Industries 53111-2YA Datasheet HTML 6Page - Micropac Industries 53111-2YA Datasheet HTML 7Page - Micropac Industries 53111-2YA Datasheet HTML 8Page - Micropac Industries 53111-2YA Datasheet HTML 9Page - Micropac Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
Rev G
02/13/13
2
53111
Power MOSFET Optocoupler
ABSOLUTE MAXIMUM RATINGS
Storage Temperature Range ..................................................................................................................-65°C to +150°C
Operating Ambient Temperature - TA.....................................................................................................-55°C to +125°C
Junction Temperature - TJ........................................................................................................................................150°C
Operating Case Temperature - TC.....................................................................................................................+145°C
(1)
Lead Solder Temperature (1.6mm below seating plane).......................................................................... 260
C for 10s
Average Input Current - IF ........................................................................................................................................20 mA
Peak Repetitive Input Current - IFpk …(Pulse Width < 100ms; duty cycle < 50%) ...............................................40 mA
Peak Surge Input Current - IFPK surge…(Pulse Width < 0.2ms; duty cycle < 0.1%)........................................ 100 mA
Reverse Input Voltage - VR .................................................................................................................................... 5 V
Average Output Current
Connection A – IO............................................................................................................................................ 0.8 A
Connection B - IO ............................................................................................................................................ 1.6 A
Single Shot Output Current - Figure 4
Connection A - IOpk surge…(Pulse width < 10ms) ............................................................................................. 5 A
Connection B - IOpk surge…(Pulse width < 10ms) ........................................................................................... 10 A
Output Voltage
Connection A - VO ............................................................................................................................ -90 V to +90 V
Connection B - VO ............................................................................................................................... 0 V to +90 V
Average Output Power Dissipation - Figure 5 ............................................................................................ 800 mW
(2)
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
DEVICE
TYPE
MIN
MAX
UNITS
Input Current (on)
IF (ON)
-01
10
20
mA
-02 / -03
5
20
mA
Input Voltage (off)
VF (OFF)
All
00.6
VDC
Operating Temperature
TA
All
-55
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com