công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

53111-2YA bảng dữ liệu(PDF) 1 Page - Micropac Industries

tên linh kiện 53111-2YA
Giải thích chi tiết về linh kiện  POWER MOSFET OPTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROPAC [Micropac Industries]
Trang chủ  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53111-2YA bảng dữ liệu(HTML) 1 Page - Micropac Industries

  53111-2YA Datasheet HTML 1Page - Micropac Industries 53111-2YA Datasheet HTML 2Page - Micropac Industries 53111-2YA Datasheet HTML 3Page - Micropac Industries 53111-2YA Datasheet HTML 4Page - Micropac Industries 53111-2YA Datasheet HTML 5Page - Micropac Industries 53111-2YA Datasheet HTML 6Page - Micropac Industries 53111-2YA Datasheet HTML 7Page - Micropac Industries 53111-2YA Datasheet HTML 8Page - Micropac Industries 53111-2YA Datasheet HTML 9Page - Micropac Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
Rev G
02/13/13
1
53111
POWER MOSFET OPTOCOUPLER,
90 V/1
, Hermetically Sealed
DSCC Approved 5962-9314001, 5962-9314002
and 5962-9314003
Mii
HYBRID MICROELECTRONICS
PRODUCTS DIVISION
Features:
Hermetically Sealed 8-Pin Dual-In-Line
package
Small Size and Weight
Options: 5mA or 10mA input forward current
Performance Guaranteed over –55°C to
+125°C Ambient Temperature Range
AC/DC Signal & Power Switching
Maximum Average Current
AC/DC:
0.8 A
DC only:
1.6 A
1500 VDC Withstand Test Voltage
High Transient Immunity
5 A Output Surge Current
Shock and Vibration Resistant
MIL-PRF-38534 Compliant
Applications:
Satellite/Space Systems
Military/High Reliability Systems
Standard 28 VDC and 48 VDC Load Driver
Standard 24 VAC Load Driver
AC/DC Electromechanical and Solid State
Relay Replacement
I/O Modules
DESCRIPTION
The 53111 is a single channel, hermetically sealed, power MOSFET optocoupler. Low on-resistance of the
MOSFET output, combined with 1500 VDC isolation between input and output, makes this optocoupler ideal for
solid state relay applications. Operation is specified over the full military temperature range. The part is supplied in
an eight-pin, dual-in-line ceramic package, available as COTS, as fully compliant MIL-PRF-38534 Class H device,
or with custom screening. Lead options support both through-hole and surface-mount assembly. The part is
normally shipped with gold plated leads, but lead finishes per MIL-PRF-38534 are available.
Functionally, the device operates as a single-pole, normally open (1 Form A) solid state relay. The device is
actuated by an input current, which can be supplied from standard logic types such as open-collector TTL. The
input current biases a light emitting diode that is optically coupled to an integrated photovoltaic diode array. The
photovoltaic array powers control circuitry that operates the output MOSFETs.
Optimum switching of either AC or DC loads is provided by a configurable output. For AC loads, connection A in
Figure 1 must be used. Connection A will also switch DC loads but connection B, in Figure 1, provides DC-only
operation with the advantages of substantial reduction in on-resistance and twice the output current capability as
that obtained with connection A.


Số phần tương tự - 53111-2YA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micropac Industries
53111-2YA MICROPAC-53111-2YA Datasheet
198Kb / 11P
POWER MOSFET OPTOCOUPLER
More results

Mô tả tương tự - 53111-2YA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micropac Industries
53111 MICROPAC-53111 Datasheet
198Kb / 11P
POWER MOSFET OPTOCOUPLER
53259 MICROPAC-53259 Datasheet
130Kb / 6P
POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED
53272 MICROPAC-53272 Datasheet
208Kb / 9P
POWER MOSFET OPTOCOUPLER 90V - 2.0A
logo
Vishay Siliconix
VO2223 VISHAY-VO2223_12 Datasheet
107Kb / 6P
Optocoupler, Power Phototriac
12-Sep-12
VO2223A VISHAY-VO2223A_12 Datasheet
107Kb / 6P
Optocoupler, Power Phototriac
12-Sep-12
logo
Micropac Industries
53258 MICROPAC-53258_07 Datasheet
54Kb / 4P
RADIATION TOLERANT 120VDC ??5A POWER MOSFET OPTOCOUPLER
53259 MICROPAC-53259_15 Datasheet
83Kb / 8P
POWER MOSFET OPTOCOUPLER SPST NORMALLY CLOSED
53272 MICROPAC-53272_12 Datasheet
106Kb / 9P
POWER MOSFET OPTOCOUPLER
53124 MICROPAC-53124_13 Datasheet
124Kb / 14P
POWER MOSFET OPTOCOUPLER
logo
Vishay Siliconix
VO2223 VISHAY-VO2223_17 Datasheet
130Kb / 7P
Optocoupler, Power Phototriac
07-Dec-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com