| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S71PL254 bảng dữ liệu(PDF) 19 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S71PL254 bảng dữ liệu(HTML) 19 Page - SPANSION |
|
19 / 196 page ![]() November 22, 2004 S71PL254/127/064/032J_00_A6 19 Advance I n f o rmatio n S71PL254J Valid Combinations Speed Options (ns) (p)SRAM Type/Access Time (ns) Package Marking Base Ordering Part Number Package & Temperature Model Number Packing Type S71PL254JB0 BAW T7 0, 2, 3 (Note 1) 65 pSRAM1 / 70 (Note 2) S71PL254JB0 TB pSRAM2 /70 S71PL254JB0 TU pSRAM6 / 70 S71PL254JC0 TB pSRAM2 / 70 S71PL254JC0 TZ pSRAM7 / 70 S71PL254JB0 BFW T7 0, 2, 3 (Note 1) 65 pSRAM1 / 70 (Note 2) S71PL254JB0 TB pSRAM2 /70 S71PL254JB0 TU pSRAM6 / 70 S71PL254JC0 TB pSRAM2 / 70 S71PL254JC0 TZ pSRAM7 / 70 S71PL254JB0 BAI T7 0, 2, 3 (Note 1) 65 pSRAM1 / 70 (Note 2) S71PL254JB0 TB pSRAM2 /70 S71PL254JB0 TU pSRAM6 / 70 S71PL254JC0 TB pSRAM2 / 70 S71PL254JC0 TZ pSRAM7 / 70 S71PL254JB0 BFI T7 0, 2, 3 (Note 1) 65 pSRAM1 / 70 (Note 2) S71PL254JB0 TB pSRAM2 /70 S71PL254JB0 TU pSRAM6 / 70 S71PL254JC0 TB pSRAM2 / 70 S71PL254JC0 TZ pSRAM7 / 70 Notes: 1. Type 0 is standard. Specify other options as required. 2. BGA package marking omits leading “S” and packing type designator from ordering part number. Valid Combinations Valid Combinations list configurations planned to be supported in vol- ume for this device. Consult your local sales office to confirm avail- ability of specific valid combinations and to check on newly released combinations. |