| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S71PL254 bảng dữ liệu(PDF) 80 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S71PL254 bảng dữ liệu(HTML) 80 Page - SPANSION |
|
80 / 196 page ![]() 80 S29PL127J/S29PL064J/S29PL032J for MCP S29PL127J_064J_032J_MCP_00_A3 August 12, 2004 Advance I n f o rmation Notes: 1. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits. Refer to the section on DQ5 for more information. 2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details. 3. When reading write operation status bits, the system must always provide the bank address where the Embedded Algorithm is in progress. The device outputs array data if the system addresses a non-busy bank. Table 19. Write Operation Status Status DQ7 (Note 2) DQ6 DQ5 (Note 1) DQ3 DQ2 (Note 2) RY/BY# Standard Mode Embedded Program Algorithm DQ7# Toggle 0 N/A No toggle 0 Embedded Erase Algorithm 0 Toggle 0 1 Toggle 0 Erase Suspend Mode Erase-Suspend- Read Erase Suspended Sector 1 No toggle 0 N/A Toggle 1 Non-Erase Suspended Sector Data Data Data Data Data 1 Erase-Suspend-Program DQ7# Toggle 0 N/A N/A 0 |