| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5228-DS09-405-R bảng dữ liệu(PDF) 90 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
5228-DS09-405-R bảng dữ liệu(HTML) 90 Page - Broadcom Corporation. |
|
90 / 100 page ![]() BCM5228 Data Sheet 7/12/04 Broa d c om Co rp o r a t i o n Page 78 Mechanical Information Document 5228-DS09-405-R Sectio n 9: Mech an ical In fo rmati on Figure 12: 208-Pin PQFP Package D1 D E1 E 1 seating plane A A1 A2 L b e r 1 θ2 r 2 θ1 c 1. Drawings on this page are not to scale 2. All dimensions are in millimeters except where noted 3. Foot length "L" is measured at gage plane, 0.25mm above the seating plane 4. Seating plane is defined by three lowest lead tips 208-pin detail θ3 θ4 h Millimeter Symbol Min Nom Max A A1 A2 D D1 E E1 L e b c 0.25 3.39 30.35 27.90 30.35 27.90 0.30 0.50 BSC 0.15 0.22 0.30 0.60 0.75 28.00 28.10 30.60 30.85 28.00 28.10 30.60 30.85 3.49 3.59 0.50 4.10 0.13 h 0.102 r r 0.20 0.30 3 θ 1 θ 2 θ 4 θ ° 2 ° 0 ° 6 ° 7 ° 10 ° 10 ° 10 Notes: 1 2 0.37 0.23 0.08 |