| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S34MS02G2 bảng dữ liệu(PDF) 39 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
S34MS02G2 bảng dữ liệu(HTML) 39 Page - Cypress Semiconductor |
|
39 / 74 page ![]() Document Number: 002-03238 Rev. *E Page 39 of 74 S34MS01G2 S34MS02G2 S34MS04G2 6. Timing Diagrams 6.1 Command Latch Cycle Command Input bus operation is used to give a command to the memory device. Commands are accepted with Chip Enable low, Command Latch Enable High, Address Latch Enable low, and Read Enable High and latched on the rising edge of Write Enable. Moreover for commands that starts a modify operation (write/ erase) the Write Protect pin must be high. Figure 6.1 Command Latch Cycle tCLS tCS tWP Command CLE CE# WE# ALE I/Ox tDH tDS tALS tALH tCLH tCH = Don’t Care |