công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9B320M bảng dữ liệu(PDF) 29 Page - Cypress Semiconductor

tên linh kiện MB9B320M
Giải thích chi tiết về linh kiện  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320M bảng dữ liệu(HTML) 29 Page - Cypress Semiconductor

Back Button MB9B320M Datasheet HTML 25Page - Cypress Semiconductor MB9B320M Datasheet HTML 26Page - Cypress Semiconductor MB9B320M Datasheet HTML 27Page - Cypress Semiconductor MB9B320M Datasheet HTML 28Page - Cypress Semiconductor MB9B320M Datasheet HTML 29Page - Cypress Semiconductor MB9B320M Datasheet HTML 30Page - Cypress Semiconductor MB9B320M Datasheet HTML 31Page - Cypress Semiconductor MB9B320M Datasheet HTML 32Page - Cypress Semiconductor MB9B320M Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 108 page
background image
Document Number: 002-05652 Rev. *D
Page 29 of 108
MB9B320M Series
Pin function
Pin name
Function description
Pin No
LQFP-80
BGA-96
LQFP-64
QFN-64
LQFP-48
QFN-48
Multi-
function Serial
4
SIN4_0
Multi-function serial interface ch.4 input pin
67
C8
54
-
SIN4_1
55
E10
-
-
SOT4_0
(SDA4_0)
Multi-function serial interface ch.4 output pin.
This pin operates as SOT4 when it is used in a
UART/CSIO/LIN (operation modes 0 to 3) and
as SDA4 when it is used in an I2C (operation
mode 4).
68
C7
55
-
SOT4_1
(SDA4_1)
56
E9
-
-
SCK4_0
(SCL4_0)
Multi-function serial interface ch.4 clock I/O
pin.
This pin operates as SCK4 when it is used in a
CSIO (operation mode 2) and as SCL4 when it
is used in an I2C (operation mode 4).
69
B7
56
-
RTS4_0
Multi-function serial interface ch.4 RTS output
pin
70
B6
-
-
CTS4_0
Multi-function serial interface ch.4 CTS input
pin
71
C6
-
-
Multi-
function Serial
5
SIN5_0
Multi-function serial interface ch.5 input pin
76
C4
60
44
SOT5_0
(SDA5_0)
Multi-function serial interface ch.5 output pin.
This pin operates as SOT5 when it is used in a
UART/CSIO/LIN (operation modes 0 to 3) and
as SDA5 when it is used in an I2C (operation
mode 4).
75
B4
59
43
SCK5_0
(SCL5_0)
Multi-function serial interface ch.5 clock I/O
pin.
This pin operates as SCK5 when it is used in a
CSIO (operation mode 2) and as SCL5 when it
is used in an I2C (operation mode 4).
74
C5
58
-
Multi-
function Serial
6
SIN6_0
Multi-function serial interface ch.6 input pin
5
D1
-
-
SIN6_1
12
G2
8
-
SOT6_0
(SDA6_0)
Multi-function serial interface ch.6 output pin.
This pin operates as SOT6 when it is used in a
UART/CSIO/LIN (operation modes 0 to 3) and
as SDA6 when it is used in an I2C (operation
mode 4).
6
D2
-
-
SOT6_1
(SDA6_1)
11
G1
7
-
SCK6_0
(SCL6_0)
Multi-function serial interface ch.6 clock I/O
pin.
This pin operates as SCK6 when it is used in a
CSIO (operation mode 2) and as SCL6 when it
is used in an I2C (operation mode 4).
7
D3
-
-
SCK6_1
(SCL6_1)
10
E3
6
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com