| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CYUSB306X bảng dữ liệu(PDF) 16 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CYUSB306X bảng dữ liệu(HTML) 16 Page - Cypress Semiconductor |
|
16 / 37 page ![]() CYUSB306X Document Number: 001-87516 Rev. *L Page 16 of 37 K7 MIPI_CN I J5 MIPI_D0P I K5 MIPI_D0N I J6 MIPI_D1P1 I K6 MIPI_D1N1 I J9 MIPI_D2N1, 2 I J8 MIPI_D2P1, 2 I L8 MIPI_D3P1, 2 I K8 MIPI_D3N1, 2 I CVDDQ Power Domain D7 CLKIN I D6 CLKIN_32 I VDDIO1 Power Domain D9 I2C_SCL I/O D10 I2C_SDA I/O E7 TDI I C10 TDO O B11 TRST# I E8 TMS I F6 TCK I Power Domains E10 VUSB PWR A1 U3VSSQ PWR H11 VDDIO1 PWR L9 VDDIO1 PWR E3 VDDIO2 PWR B1 VDDIO3 PWR B6 CVDDQ PWR B5 U3TXVDDQ PWR A2 U3RXVDDQ PWR A7 AVDD PWR B7 AVSS PWR L5 VDD_MIPI PWR B10 VDD PWR J11 VDD PWR C3 VDD PWR E9 VDD PWR F11 VDD PWR H1 VDD PWR Table 6. CYUSB306X Pin List (continued) CX3 Pin# Pin name I/O L7 VDD PWR D8 VSS PWR E2 VSS PWR E11 VSS PWR G1 VSS PWR A8 VSS PWR G11 VSS PWR L1 VSS PWR B8 VSS PWR L6 VSS PWR B2 VSS PWR L11 VSS PWR B9 VSS PWR K4 VSS PWR L3 VSS PWR K3 VSS PWR L2 VSS PWR 1. Unused MIPI input data lanes to be connected to GND. 2. The signals MIPI_D2N, MIPI_D2P, MIPI_D3N, and MIPI_D3P are not available in the CYUSB3064 part. These pins should be left "open" in the customer board. Table 6. CYUSB306X Pin List (continued) CX3 Pin# Pin name I/O |