| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CYUSB306X bảng dữ liệu(PDF) 14 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CYUSB306X bảng dữ liệu(HTML) 14 Page - Cypress Semiconductor |
|
14 / 37 page ![]() CYUSB306X Document Number: 001-87516 Rev. *L Page 14 of 37 Pin Configuration Legend Figure 5. CX3 Ball Map (Top View) A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 U3VSSQ U3RXVDDQ SSRXM SSRXP SSTXP SSTXM AVDD VSS DP DM GPIO[24] B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 VDDIO3 VSS GPIO[23] GPIO[21] U3TXVDDQ CVDDQ AVSS VSS VSS VDD TRST# C1 C2 C3 C4 C5 C6 C7 C8 C9 C10 C11 SPI_SSN / GPIO[54] SPI_MISO / GPIO[55] VDD GPIO[26] RESET# GPIO[18] GPIO[19] GPIO[22] GPIO[45] TDO I2S_MCLK / GPIO[57] D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 I2S_CLK / GPIO[50] I2S_SD / GPIO[51] I2S_WS / GPIO[52] SPI_SCK / GPIO[53] SPI_MOSI / GPIO[56] CLKIN_32 CLKIN VSS I2C_SCL I2C_SDA GPIO[17] E1 E2 E3 E4 E5 E6 E7 E8 E9 E10 E11 UART_CTS / GPIO[47] VSS VDDIO2 UART_RX / GPIO[49] UART_TX / GPIO[48] GPIO[20] TDI TMS VDD VUSB VSS F1 F2 F3 F4 F5 F6 F7 F8 F9 F10 F11 DNU REFCLK GPIO[44] XRST UART_RTS / GPIO[46] TCK DNU DNU DNU DNU VDD G1 G2 G3 G4 G5 G6 G7 G8 G9 G10 G11 VSS XSHUTDOW N MCLK PMODE[0] / GPIO[30] GPIO[25] HSYNC_test DNU DNU DNU DNU VSS H1 H2 H3 H4 H5 H6 H7 H8 H9 H10 H11 VDD DNU DNU PMODE[1] / GPIO[31] VSYNC_test MIPI RESET DNU PCLK_test DNU DNU VDDIO1 J1 J2 J3 J4 J5 J6 J7 J8 J9 J10 J11 DNU DNU DNU DNU MIPI_D0P MIPI_D1P1 1. Unused MIPI input data lanes to be connected to GND. MIPI_CP MIPI_D2P1, 2 MIPI_D2N1, 2 2. The signals MIPI_D2N, MIPI_D2P, MIPI_D3N, and MIPI_D3P are not available in the CYUSB3064 part. These pins should be left "open" in the customer board. DNU VDD K1 K2 K3 K4 K5 K6 K7 K8 K9 K10 K11 DNU DNU VSS VSS MIPI_D0N MIPI_D1N1 MIPI_CN MIPI_D3N1, 2 DNU DNU DNU L1 L2 L3 L4 L5 L6 L7 L8 L9 L10 L11 VSS VSS VSS PMODE[2] / GPIO[32] VDD_MIPI VSS VDD MIPI_D3P1, 2 VDDIO1 DNU VSS Ground USB PHY power supply; Clock power supply Power supply |