công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SFH9206-5/6 bảng dữ liệu(PDF) 10 Page - OSRAM GmbH

tên linh kiện SFH9206-5/6
Giải thích chi tiết về linh kiện  Reflective Interrupter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9206-5/6 bảng dữ liệu(HTML) 10 Page - OSRAM GmbH

Back Button SFH9206-5/6 Datasheet HTML 6Page - OSRAM GmbH SFH9206-5/6 Datasheet HTML 7Page - OSRAM GmbH SFH9206-5/6 Datasheet HTML 8Page - OSRAM GmbH SFH9206-5/6 Datasheet HTML 9Page - OSRAM GmbH SFH9206-5/6 Datasheet HTML 10Page - OSRAM GmbH SFH9206-5/6 Datasheet HTML 11Page - OSRAM GmbH SFH9206-5/6 Datasheet HTML 12Page - OSRAM GmbH SFH9206-5/6 Datasheet HTML 13Page - OSRAM GmbH SFH9206-5/6 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2015-12-22
10
Version 1.5
SFH 9206
Taping
Dimensions in mm (inch).
OHA04612
Profile Feature
Profil-Charakteristik
Ramp-up rate to preheat*)
25 °C to 150 °C
2
3
K/s
Time t
S
T
Smin to TSmax
t
S
t
L
t
P
T
L
T
P
100
120
60
10
20
30
80
100
217
2
3
245
260
3
6
Time
25 °C to T
P
Time within 5 °C of the specified peak
temperature T
P - 5 K
Ramp-down rate*
T
P
to
100 °C
All temperatures refer to the center of the package, measured on the top of the component
* slope calculation DT/Dt: Dt max. 5 s; fulfillment for the whole T-range
Ramp-up rate to peak*)
T
Smax
to
T
P
Liquidus temperature
Peak temperature
Time above liquidus temperature
Symbol
Symbol
Unit
Einheit
Pb-Free (SnAgCu) Assembly
Minimum
Maximum
Recommendation
K/s
K/s
s
s
s
s
°C
°C
480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15