công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VDP3116B bảng dữ liệu(PDF) 17 Page - Micronas

tên linh kiện VDP3116B
Giải thích chi tiết về linh kiện  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3116B bảng dữ liệu(HTML) 17 Page - Micronas

Back Button VDP3116B Datasheet HTML 13Page - Micronas VDP3116B Datasheet HTML 14Page - Micronas VDP3116B Datasheet HTML 15Page - Micronas VDP3116B Datasheet HTML 16Page - Micronas VDP3116B Datasheet HTML 17Page - Micronas VDP3116B Datasheet HTML 18Page - Micronas VDP3116B Datasheet HTML 19Page - Micronas VDP3116B Datasheet HTML 20Page - Micronas VDP3116B Datasheet HTML 21Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
PRELIMINARY DATA SHEET
VDP 31xxB
17
Micronas
2.8.4. Digital Brightness Adjustment
The DC-level of the luminance signal can be adjusted by
adding an 8-bit number in the luminance signal path in
front of the softlimiter.
With a contrast adjustment of 32 (gain
+1) the signal can
be shifted by
"100%. After the brightness addition, the
negative going signals are limited to zero. It is desirable
to keep a small positive offset with the signal to prevent
undershoots produced by the peaking from being cut.
The digital brightness adjustment is separate for main
and side picture.
2.8.5. Soft Limiter
The dynamic range of the processed luma signal must
be limited to prevent the CRT from overload. An appro-
priate headroom for contrast, peaking and brightness
can be adjusted by the TV manufacturer according to the
CRT characteristics. All signals above this limit will be
‘soft’-clipped. A characteristic diagram of the soft limiter
is shown in Fig. 2–17. The total limiter consists of three
parts:
Part 1 includes adjustable tilt point and gain. The gain
before the tilt value is 1. Above the tilt value, a part
(0...15/16) of the input signal is subtracted from the input
signal itself. Therefore, the gain is adjustable from 16/16
to 1/16, when the slope value varies from 0 to 15. The
tilt value can be adjusted from 0 to 511.
Part 2 has the same characteristics as part 1. The sub-
tracting part is also relative to the input signal, so the
total differential gain will become negative if the sum of
slope 1 and slope 2 is greater than 16 and the input sig-
nal is above the both tilt values (see characteristics).
Finally, the output signal of the soft limiter will be clipped
by a hard limiter adjustable from 256 to 511.
2.8.6. Chroma Input
The chroma input signal is a multiplexed CR and CB sig-
nal in 8-bit binary offset code. It can be switched be-
tween normal and inverted signal and between two’s
complement and binary offset code. The delay in re-
spect to the luminance input can be adjusted in 5 steps
within a range of
"2 clock periods.
2.8.7. Chroma Interpolation
A linear phase interpolator is used to convert the chroma
sampling rate from 10.125 MHz (4:2:2) to 20.25 MHz
(4:4:4). All further processing is carried out at the full
sampling rate.
Fig. 2–17: Characteristic of soft limiter a and b and hard limiter
Output
Limiter Input
0
2
4
6
8
12
10
0
2
4
6
8
10
12
14
14
slope 1 [0...15]
slope 2 [0...15]
Part 1
Part 2
Hard limiter
tilt 1 [ 0...511]
tilt 2 [0...511]
range= 256...511
0
511
0
1023
Calculation Example for the
Softlimiter Input Amplitude.
(The real signal processing in
the limiter is 2 bit more than
described here)
Y Input
16...235 (ITUR)
Contrast
63
Dig. Brightness
20
BLE
off
Peaking
off
Limiter input signal:
(Yin-Black Level)·Contr./32 + Brightn.
(235–16) · 63/32 + 20 = 451
Black Level
16 (constant)
100
200
300
400
500
600
700
800
900
100
200
300
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com