| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPSD3253 bảng dữ liệu(PDF) 121 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3253 bảng dữ liệu(HTML) 121 Page - STMicroelectronics |
|
121 / 176 page ![]() 121/176 µPSD325X DEVICES Figure 58. PLD Diagram Note: 1. Ports A is not available in the 52-pin package 8 INPUT MACROCELL & INPUT PORTS DIRECT MACROCELL INPUT TO MCU DATA BUS CSIOP SELECT SRAM SELECT SECONDARY NON-VOLATILE MEMORY SELECTS DECODE PLD PAGE REGISTER PERIPHERAL SELECTS CPLD PT ALLOC. MACROCELL ALLOC. MCELLAB MCELLBC DIRECT MACROCELL ACCESS FROM MCU DATA BUS 24 INPUT MACROCELL (PORT A,B,C) 16 OUTPUT MACROCELL PRIMARY FLASH MEMORY SELECTS 2 PORT D INPUTS TO PORT A OR B1 TO PORT B OR C DATA BUS 8 8 8 4 1 1 2 EXTERNAL CHIP SELECTS TO PORT D 2 16 24 OUTPUT MACROCELL FEEDBACK AI06600 73 73 |