công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPSD3253 bảng dữ liệu(PDF) 66 Page - STMicroelectronics

tên linh kiện UPSD3253
Giải thích chi tiết về linh kiện  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 bảng dữ liệu(HTML) 66 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 62Page - STMicroelectronics UPSD3253 Datasheet HTML 63Page - STMicroelectronics UPSD3253 Datasheet HTML 64Page - STMicroelectronics UPSD3253 Datasheet HTML 65Page - STMicroelectronics UPSD3253 Datasheet HTML 66Page - STMicroelectronics UPSD3253 Datasheet HTML 67Page - STMicroelectronics UPSD3253 Datasheet HTML 68Page - STMicroelectronics UPSD3253 Datasheet HTML 69Page - STMicroelectronics UPSD3253 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 176 page
background image
µPSD325X DEVICES
66/176
Figure 28. Serial Port Mode 0, Waveforms
Figure 29. Serial Port Mode 1, Block Diagram
AI06825
Write to SBUF
Send
Shift
RxD (Data Out)
TxD (Shift Clock)
T
Write to SCON
RI
Receive
Shift
RxD (Data In)
TxD (Shift Clock)
S6P2
S3P1
S6P1
Clear RI
Receive
Transmit
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
AI06826
Zero Detector
Internal Bus
Tx Control
Rx Control
Internal Bus
SBUF
Write
to
SBUF
Read
SBUF
Load
SBUF
SBUF
Input Shift Register
Shift
Serial
Port
Interrupt
Rx Clock
Start
Tx Clock
Start
Shift
Shift
Send
Load SBUF
TI
RI
CL
DS
Q
1FFh
TxD
Data
Rx Detector
RxD
1-to-0
Transition
Detector
÷16
Sample
÷16
÷2
TB8
Timer1
Overflow
Timer2
Overflow
0
01
1
01
TCLK
RCLK
SMOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More