công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WBCR0202AS011002DF bảng dữ liệu(PDF) 3 Page - TT Electronics.

tên linh kiện WBCR0202AS011002DF
Giải thích chi tiết về linh kiện  Wire Bondable Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TTELEC [TT Electronics.]
Trang chủ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WBCR0202AS011002DF bảng dữ liệu(HTML) 3 Page - TT Electronics.

  WBCR0202AS011002DF Datasheet HTML 1Page - TT Electronics. WBCR0202AS011002DF Datasheet HTML 2Page - TT Electronics. WBCR0202AS011002DF Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wire Bondable
Chip Resistors
WBC Series
© IRC Advanced Film Division
• Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
WBC Series Issue January 2009Sheet3 of 3
Wire Bondable
Chip Resistors
Environmental Data
Style
R0202 = Discrete Element
B0202 = Discrete Element with Back Contact
T0303 = Tapped Network
Bonding pads
A = Aluminum; G = Gold
Backside
A = Aluminum; G = Gold; S = Silicon
TCR/Inspection Code
Reference TCR/Inspection Code Table
Total Resistance (R)
4-Digit Resistance Code Ex: 1002 = 10K
; 50R1 = 50.1
AbsoluteTolerance Code
K = ±10%; J = ±5%; G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1%
RatioTolerance Code (T0303 Only)
J = ±5%; G = ±2%; F = ±1%; D = 0.5%; C = ±0.25%; B = ±0.1%; A = ±0.05%
Packaging
Standard packaging is 2˝ x 2˝ chip tray. For additional information or to discuss your
specific requirements, please contact our Applications Team using the contact details below.
Ordering Data
Test
Method
Max R
Typical
R
Thermal Shock
MIL-STD-202
Method 107
Test condition F
±0.1%
±0.02%
HighTemperature Exposure
MIL-STD-883
Method 1008
150°C, 1000 hours
±0.1%
±0.05%
LowTemperature Storage
-55°C, 1000 hours
±0.03%
±0.01%
Life
MIL-STD-202
Method 108
70°C, 1000 hours
±0.5%
±0.01%
Life at ElevatedTemperature
MIL-STD-202
Method 108
125°C, 1000 hours
±0.5%
±0.05%
1
1
Prefix
WBC
R0202
A
S
01
1002
F
B
Note 1: Not recommended for new designs
Ω
Ω
05.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com