công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WBCR0202AS011002DF bảng dữ liệu(PDF) 1 Page - TT Electronics.

tên linh kiện WBCR0202AS011002DF
Giải thích chi tiết về linh kiện  Wire Bondable Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TTELEC [TT Electronics.]
Trang chủ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WBCR0202AS011002DF bảng dữ liệu(HTML) 1 Page - TT Electronics.

  WBCR0202AS011002DF Datasheet HTML 1Page - TT Electronics. WBCR0202AS011002DF Datasheet HTML 2Page - TT Electronics. WBCR0202AS011002DF Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wire Bondable
Chip Resistors
WBC Series
Discreteortappedschematics
MILinspectionavailable
High resistor density
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
WBC Series Issue January 2009 Sheet 1 of 3
Wire Bondable
Chip Resistors
• Discrete or tapped schematics
• MIL inspection available
• High resistor density
WBC Series
IRC’s WBC series wire bondable chip resistors are ideally suited for the most demanding hybrid application.
The WBC combines IRC’s TaNSil® tantalum nitride thin film technology with silicon substrate processing to
produce an extremely small tantalum nitride thin film technology with silicon substrate processing to produce
an extremely small footprint device with the proven stability, reliability and moisture performance of IRC’s TaNSil®
resistor film.
Available in a wide range of tolerances and temperature coefficients to fit a variety of hybrid circuit applica-
tions. Custom resistance values, sizes and schematics are available on request from the factory.
Absolute Tolerance
to ±0.1%
Absolute TCR
to ±25ppm/°C
Package Power Rating
(@ 70°C)
250mW
Rated Operating Voltage
(not to exceed
P x R )
√
100V
Operating Temperature
-55°C to +150°C
Noise
<-30dB
Substrate Material
Oxidized Silicon
(10KÅ SiO
2 min)
Substrate Thickness
0.010˝ ±0.001
(0.254mm ±0.025)
Bond Pad
Metallization
Aluminum
10KÅ minimum
Gold
15KÅ minimum
Backside
R0202 and
T0303
Silicon
(Al / Au optional)
B02021
3KÅ Au minimum
10KÅ Al minimum
Passivation
Silicon Dioxide or
Silicon Nitride
0.020˝ ±0.001
(0.508mm ±0.025)
0.020˝ ±0.001
(0.508mm ±0.025)
0.030˝ ±0.001
(0.762mm ±0.025)
0.004˝ min bond pad size
0.004˝ min bond pad size
Back contact
Top contact
Physical Data
R0202 - Discrete
T0303 - Tapped network ½R + ½R
B0202 - Discrete back contact1
Top contact
pad chamfered
R
R
½R
½R
0.004˝ min bond pad size
Electrical Data
1
Note 1: Not recommended for new designs
Resistors
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
05.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Số phần tương tự - WBCR0202AS011002DF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
WBCR00816000B VISHAY-WBCR00816000B Datasheet
102Kb / 3P
Thin Film, Back-Contact Resistor
12-Mar-08
WBCR00816000C VISHAY-WBCR00816000C Datasheet
102Kb / 3P
Thin Film, Back-Contact Resistor
12-Mar-08
WBCR00816000D VISHAY-WBCR00816000D Datasheet
102Kb / 3P
Thin Film, Back-Contact Resistor
12-Mar-08
WBCR00816000F VISHAY-WBCR00816000F Datasheet
102Kb / 3P
Thin Film, Back-Contact Resistor
12-Mar-08
WBCR00816000G VISHAY-WBCR00816000G Datasheet
102Kb / 3P
Thin Film, Back-Contact Resistor
12-Mar-08
More results

Mô tả tương tự - WBCR0202AS011002DF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SAK1UF0124 VISHAY-SAK1UF0124 Datasheet
94Kb / 3P
Current Sensing Bondable Chip Resistors
06-Oct-08
logo
IRC - a TT electronics ...
WBA-T0303GG-01-1002-KJ IRCTT-WBA-T0303GG-01-1002-KJ Datasheet
507Kb / 3P
Wire Bondable Ceramic Resistors
WBC-R0202AG-01-1002-K IRCTT-WBC-R0202AG-01-1002-K Datasheet
381Kb / 3P
Wire Bondable Chip Resistors
WBC-C0202AA-102-M IRCTT-WBC-C0202AA-102-M Datasheet
754Kb / 2P
Wire Bondable Chip Capacitor
WBC-M0303AG-01-2402-M IRCTT-WBC-M0303AG-01-2402-M Datasheet
524Kb / 3P
Wire Bondable Multi-tap Chip Resistors
WBC-R0202CRAG-01-2004-KJ IRCTT-WBC-R0202CRAG-01-2004-KJ Datasheet
378Kb / 3P
Wire Bondable High Range Chip Resistors
logo
Riedon Powertron
CBR0402 RIEDON-CBR0402 Datasheet
188Kb / 2P
High Temperature Bondable Thick Film Chip Resistors
logo
Anaren Microwave
R1K131350R0G5F3 ANAREN-R1K131350R0G5F3 Datasheet
167Kb / 2P
Wire Bondable
logo
TT Electronics.
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
Wire Bondable Resistor
WBC-C0606AG-102-K TTELEC-WBC-C0606AG-102-K Datasheet
867Kb / 2P
Wire Bondable Chip Capacitor
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com