công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8451ASTZ bảng dữ liệu(PDF) 25 Page - Analog Devices

tên linh kiện AD8451ASTZ
Giải thích chi tiết về linh kiện  Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8451ASTZ bảng dữ liệu(HTML) 25 Page - Analog Devices

Back Button AD8451ASTZ Datasheet HTML 21Page - Analog Devices AD8451ASTZ Datasheet HTML 22Page - Analog Devices AD8451ASTZ Datasheet HTML 23Page - Analog Devices AD8451ASTZ Datasheet HTML 24Page - Analog Devices AD8451ASTZ Datasheet HTML 25Page - Analog Devices AD8451ASTZ Datasheet HTML 26Page - Analog Devices AD8451ASTZ Datasheet HTML 27Page - Analog Devices AD8451ASTZ Datasheet HTML 28Page - Analog Devices AD8451ASTZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
AD8451
Data Sheet
In constant voltage mode, when the CV feedback loop is in
steady state, the VSET input sets the battery voltage as follows:
VBAT_SS =
DA
VSET
G
V
=
8
.
0
VSET
V
where GDA is the DA gain.
Therefore, the accuracy and temperature stability of the formation
and test system are not only dependent on the precision of the
AD8451, but also on the accuracy of the ISET and VSET inputs.
LOOP FILTER AMPLIFIERS
The AD8451 has two loop filter amplifiers, also known as error
amplifiers (see Figure 49). One amplifier is for constant current
control (CC loop filter amplifier), and the other amplifier is for
constant voltage control (CV loop filter amplifier). The outputs
of these amplifiers are combined using a minimum output
selector circuit to perform automatic CC to CV switching.
Table 5 lists the inputs of the loop filter amplifiers for charge
mode and discharge mode.
Table 5. Integrator Input Connections
Feedback Loop Function
Reference
Input
Feedback
Terminal
Control the Current While Discharging
a Battery
ISET
IVE0
Control the Current While Charging
a Battery
ISET
IVE1
Control the Voltage While Discharging
a Battery
VSET
VVE0
Control the Voltage While Charging
a Battery
VSET
VVE1
The CC and CV amplifiers in charge mode and the CC amplifier
in discharge mode are inverting integrators, whereas the CV
amplifier in discharge mode is a noninverting integrator. Therefore,
the CV amplifier in discharge mode uses an extra amplifier, the
VSET buffer, to buffer the VSET input pin (see Figure 42). In
addition, the CV amplifier in discharge mode uses the VVP0
pin to couple the signal from the BVMEA pin to the integrator.
CONNECTING TO A PWM CONTROLLER (VCTRL PIN)
The VCTRL output pin of the AD8451 is designed to interface
with linear power converters and with PWM controllers such as
the ADP1972. The voltage range of the VCTRL output pin is
bound by the voltages at the VCLP and VCLN pins, as follows:
VVCLN − 0.5 V < VVCTRL < VVCLP + 0.5 V
Because the maximum rated input voltage at the COMP pin of
the ADP1972 is 5.5 V, connect the clamp voltages of the output
amplifier to 5 V (VCLP) and ground (VCLN) to prevent over-
ranging of the COMP input. As an additional precaution, install
an external 5.1 V Zener diode from the COMP pin to ground
with a series 1 kΩ resistor connected between the VCTRL and
COMP pins. Consult the ADP1972 data sheet for additional
applications information.
Given the architecture of the AD8451, the controller requires
that an increasing voltage at the VCTRL pin translates to a
larger output current in the power converter. If this is not the
case, a unity-gain inverting amplifier can be added in series
with the AD8451 output to add an extra inversion.
STEP-BY-STEP DESIGN EXAMPLE
This section describes the systematic design of a 1 A battery
charger/discharger using the AD8451 controller and the
ADP1972 PWM controller. The power converter used in this
design is a nonisolated buck boost dc-to-dc converter. The target
battery is a 4.2 V fully charged, 2.7 V fully discharged Li-Ion
battery.
Step 1: Design the Switching Power Converter
Select the switches and passive components of the buck boost
power converter to support the 1 A maximum battery current.
The design of the power converter is beyond the scope of this
data sheet; however, there are many application notes and other
helpful documents available from manufacturers of integrated
driver circuits and power MOSFET output devices that can be
used for reference.
Step 2: Identify the Control Voltage Range of the
ADP1972
The control voltage range of the ADP1972 (voltage range of the
COMP input pin) is 0.5 V to 4.5 V. An input voltage of 4.5 V
results in the highest duty cycle and output current, whereas an
input voltage of 0.5 V results in the lowest duty cycle and output
current. Because the COMP pin connects directly to the VCTRL
output pin of the AD8451, the battery current is proportional to
the voltage at the VCTRL pin.
For information about how to interface the ADP1972 to the
power converter switches, see the ADP1972 data sheet.
Step 3: Determine the Control Voltage for the CV Loop
The relationship between the control voltage for the CV loop
(the voltage at the VSET pin), the target battery voltage, and the
DA gain is as follows:
CV Battery Target Voltage =
8
.
0
VSET
DA
VSET
V
G
V
=
In charge mode, for a CV battery target voltage of 4.2 V, select a
CV control voltage of 3.36 V. In discharge mode, for a CV
battery target voltage of 2.7 V, select a CV control voltage of
2.16 V.
Rev. 0 | Page 24 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com