| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7293 bảng dữ liệu(PDF) 65 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7293 bảng dữ liệu(HTML) 65 Page - Analog Devices |
|
65 / 78 page ![]() Data Sheet AD7293 Rev. B | Page 65 of 78 Table 103. RSx+MON ALERT0 Register (Register 0x19) Bit Number(s) Bit Name Description [D15:D12] Reserved Reserved D11 RS3+MON high 0: no routing (default) 1: high alert on the corresponding channel routes to the ALERT0 pin D10 RS2+MON high 0: no routing (default) 1: high alert on the corresponding channel routes to the ALERT0 pin D9 RS1+MON high 0: no routing (default) 1: high alert on the corresponding channel routes to the ALERT0 pin D8 RS0+MON high 0: no routing (default) 1: high alert on the corresponding channel routes to the ALERT0 pin [D7:D4] Reserved Reserved D3 RS3+MON low 0: no routing (default) 1: low alert on the corresponding channel routes to the ALERT0 pin D2 RS2+MON low 0: no routing (default) 1: low alert on the corresponding channel routes to the ALERT0 pin D1 RS1+MON low 0: no routing (default) 1: low alert on the corresponding channel routes to the ALERT0 pin D0 RS0+MON low 0: no routing (default) 1: low alert on the corresponding channel routes to the ALERT0 pin Table 104. INTLIMITx and AVss/AVDD ALERT0 Register (Register 0x1A) Bit Number(s) Bit Name Description [D15:D12] Reserved Reserved D11 INTLIMIT3 0: no routing (default) 1: integrator limit active status routed to the ALERT0 pin D10 INTLIMIT2 0: no routing (default) 1: integrator limit active status routed to the ALERT0 pin D9 INTLIMIT1 0: no routing (default) 1: integrator limit active status routed to the ALERT0 pin D8 INTLIMIT0 0: no routing (default) 1: integrator limit active status routed to the ALERT0 pin [D7:D1] Reserved Reserved D0 AVSS/AVDD 0: no routing (default) 1: AVSS or AVDD alarm is routed to the ALERT0 pin |