| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP87332D bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP87332D bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 74 page ![]() 4 LP87332D SNVSAU6 – NOVEMBER 2017 www.ti.com Product Folder Links: LP87332D Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated Pin Functions (continued) PIN TYPE(1) DESCRIPTION NUMBER NAME 22, 23 SW_B0 P/O Buck 0 switch node. If the Buck 0 is not used, leave the pin floating. 24, 25 VIN_B0 P/I Input for Buck 0. The separate power pins VIN_Bx are not connected together internally - VIN_Bx pins must be connected together in the application and be locally bypassed. 26 GPO D/O General-purpose digital output. If the pin is not used, leave the pin floating. 27 PGOOD D/O Power-good indication signal. If the pin is not used, leave the pin floating. 28 VIN_LDO0 P/I Power input for LDO0. If LDO0 is not used, connect the pin to VANA. Thermal Pad — — Connect to PCB ground plane using multiple vias for good thermal performance. |