công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLG46721 bảng dữ liệu(PDF) 28 Page - Dialog Semiconductor

tên linh kiện SLG46721
Giải thích chi tiết về linh kiện  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 bảng dữ liệu(HTML) 28 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 24Page - Dialog Semiconductor SLG46721 Datasheet HTML 25Page - Dialog Semiconductor SLG46721 Datasheet HTML 26Page - Dialog Semiconductor SLG46721 Datasheet HTML 27Page - Dialog Semiconductor SLG46721 Datasheet HTML 28Page - Dialog Semiconductor SLG46721 Datasheet HTML 29Page - Dialog Semiconductor SLG46721 Datasheet HTML 30Page - Dialog Semiconductor SLG46721 Datasheet HTML 31Page - Dialog Semiconductor SLG46721 Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 101 page
background image
000-0046721-114
Page 27 of 100
SLG46721
7.6 Matrix OE IO Structure
7.6.1 Matrix OE IO Structure (for Pins 3, 5, 7, 9, 13, 14, 16, 18, 19)
Figure 3. Matrix OE IO Structure Diagram
PAD
Digital In
S0
S1
pull_up_en
10 k
90 k
900 k
Res_sel[1:0]
00: floating
01: 10 k
10: 100 k
11: 1 M
wosmt_en
smt_en
lv_en
Low Voltage
Input
Schmitt Trigger
Input
Non-Schmitt
Trigger Input
Input Mode [1:0]
00: Digital In without Schmitt Trigger, wosmt_en=1
01: Digital In with Schmitt Trigger, smt_en=1
10: Low Voltage Digital In mode, lv_en = 1
11: analog IO mode
Output Mode [1:0]
00: 1x push-pull mode, pp1x_en=1
01: 2x push-pull mode, pp2x_en=1, pp1x_en=1
10: 1x NMOS open drain mode, od1x_en=1
11: 2x NMOS open drain mode, od2x_en=1, od1x_en=1
Analog IO
(For PINs 7, 13, 14, 18 and 19 only )
Digital Out
Digital Out
OE
od2x_en
OE
od1x_en
Digital Out
OE
pp2x_en
Digital Out
OE
pp1x_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More