| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLG46721 bảng dữ liệu(PDF) 23 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46721 bảng dữ liệu(HTML) 23 Page - Dialog Semiconductor |
|
23 / 101 page ![]() 000-0046721-114 Page 22 of 100 SLG46721 7.4.11 PIN 13 Register Settings 7.4.12 PIN 14 Register Settings Table 16. PIN 13 Register Settings Signal Function Register Bit Address Register Definition PIN 13 Mode Control (sig_pin13_oe =0) <899:898> 00: Digital Input without Schmitt Trigger 01: Digital Input with Schmitt Trigger 10: Low Voltage Digital Input 11: Analog Input/Output PIN 13 Mode Control (sig_pin13_oe =1) <901:900> 00: Push Pull 1X 01: Push Pull 2X 10: Open Drain NMOS 1X 11: Open Drain NMOS 2X PIN 13 Pull Up/Down Resistor Value Selection <903:902> 00: Floating 01: 10 k Resistor 10: 100 k Resistor 11: 1 M Resistor PIN 13 Pull Up/Down Resistor Selection <904> 0: Pull Down Resistor 1: Pull Up Resistor Table 17. PIN 14 Register Settings Signal Function Register Bit Address Register Definition PIN 14 Mode Control (sig_pin14_oe =0) <906:905> 00: Digital Input without Schmitt Trigger 01: Digital Input with Schmitt Trigger 10: Low Voltage Digital Input 11: Analog Input/Output PIN 14 Mode Control (sig_pin14_oe =1) <908:907> 00: Push Pull 1X 01: Push Pull 2X 10: Open Drain NMOS 1X 11: Open Drain NMOS 2X PIN 14 Pull Up/Down Resistor Value Selection <910:909> 00: Floating 01: 10 k Resistor 10: 100 k Resistor 11: 1 M Resistor PIN 14 Pull Up/Down Resistor Selection <911> 0: Pull Down Resistor 1: Pull Up Resistor |