| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLG46170 bảng dữ liệu(PDF) 25 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46170 bảng dữ liệu(HTML) 25 Page - Dialog Semiconductor |
|
25 / 87 page ![]() 000-0046170-103 Page 24 of 86 SLG46170 7.4.11 PIN 13 Register Settings 7.4.12 PIN 14 Register Settings Table 21. PIN 13 Register Settings Signal Function Register Bit Address Register Definition PIN 13 Mode Control <957:955> 000: Digital Input without Schmitt Trigger 001: Digital Input with Schmitt Trigger 010: Low Voltage Digital Input 011: Reserved 100: Push Pull 101: Open Drain NMOS 110: Open Drain PMOS 111: Reserved PIN 13 Pull Up/Down Resistor Value Selection <959:958> 00: Floating 01: 10 k Resistor 10: 100 k Resistor 11: 1 M Resistor PIN 13 Pull Up/Down Resistor Selection <960> 0: Pull Down Resistor 1: Pull Up Resistor PIN 13 Driver Strength Selection <961> 0: 1X 1: 2X Table 22. PIN 14 Register Settings Signal Function Register Bit Address Register Definition PIN 14 Mode Control <964:962> 000: Digital Input without Schmitt Trigger 001: Digital Input with Schmitt Trigger 010: Low Voltage Digital Input 011: Reserved 100: Push Pull 101: Open Drain NMOS 110: Open Drain PMOS 111: Reserved PIN 14 Pull Up/Down Resistor Value Selection <966:965> 00: Floating 01: 10 k Resistor 10: 100 k Resistor 11: 1 M Resistor PIN 14 Pull Up/Down Resistor Selection <967> 0: Pull Down Resistor 1: Pull Up Resistor PIN 14 Driver Strength Selection <968> 0: 1X 1: 2X |