| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLG46170 bảng dữ liệu(PDF) 77 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46170 bảng dữ liệu(HTML) 77 Page - Dialog Semiconductor |
|
77 / 87 page ![]() 000-0046170-103 Page 76 of 86 SLG46170 <861> PIN3 driver strength selection 0: 1X 1: 2X <864:862> PIN4 mode control 000: Digital Input without Schmitt Trigger 001: Digital Input with Schmitt Trigger 010: Low Voltage Digital Input 011: Reserved 100: Push Pull 101: Open Drain NMOS 110: Open Drain PMOS 111: Reserved <866:865> PIN4 pull up/down resistor value selection 00: floating 01: 10 K 10: 100 K 11: 1 M <867> PIN4 pull up/down resistor select 0: pull down resistor enable 1: pull up resistor enable <868> PIN4 driver strength selection 0: 1X 1: 2X <871:869> PIN5 mode control 000: Digital Input without Schmitt Trigger 001: Digital Input with Schmitt Trigger 010: Low Voltage Digital Input 011: Reserved 100: Push Pull 101: Open Drain NMOS 110: Open Drain PMOS 111: Reserved <873:872> PIN5 pull up/down resistor value selection 00: floating 01: 10 K 10: 100 K 11: 1 M <874> PIN5 pull up/down resistor select 0: pull down resistor enable 1: pull up resistor enable <875> PIN5 driver strength selection 0: 1X 1: 2X <878:876> PIN6 mode control 000: Digital Input without Schmitt Trigger 001: Digital Input with Schmitt Trigger 010: Low Voltage Digital Input 011: Reserved 100: Push Pull 101: Open Drain NMOS 110: Open Drain PMOS 111: Reserved <880:879> PIN6 pull up/down resistor value selection 00: floating 01: 10 K 10: 100 K 11: 1 M <881> PIN6 pull up/down resistor select 0: pull down resistor enable 1: pull up resistor enable <882> PIN6 driver strength selection 0: 1X 1: 2X <885:883> Reserved <887:886> Reserved <888> Reserved Register Bit Address Signal Function Register Bit Definition |