công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAMA5D2 bảng dữ liệu(PDF) 5 Page - ATMEL Corporation

tên linh kiện SAMA5D2
Giải thích chi tiết về linh kiện  SAMA5D2 Xplained Ultra Evaluation Kit
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMA5D2 bảng dữ liệu(HTML) 5 Page - ATMEL Corporation

  SAMA5D2 Datasheet HTML 1Page - ATMEL Corporation SAMA5D2 Datasheet HTML 2Page - ATMEL Corporation SAMA5D2 Datasheet HTML 3Page - ATMEL Corporation SAMA5D2 Datasheet HTML 4Page - ATMEL Corporation SAMA5D2 Datasheet HTML 5Page - ATMEL Corporation SAMA5D2 Datasheet HTML 6Page - ATMEL Corporation SAMA5D2 Datasheet HTML 7Page - ATMEL Corporation SAMA5D2 Datasheet HTML 8Page - ATMEL Corporation SAMA5D2 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
5
SAMA5D2 Xplained Ultra [USER GUIDE]
Atmel-44028C-ATARM-SAMA5D2-Xplained-Ultra-User Guide_13-Oct-16
2.
Power Source
Several options are available to power up the SAMA5D2-XULT board:
USB-powered through the USB Micro-AB connector (J23 - default configuration)
Powered through a rechargeable battery Li-polymer 3.7V connected to J3 or J4
Powered through the USB Micro-AB connector on the Atmel Embedded Debugger (EDBG) interface (J14)
2.1
Power up the Board
Unpack the board, taking care to avoid electrostatic discharge. Connect the USB Micro-AB cable to the connector
(J23). Then connect the other end of the cable to a free USB port of your PC.
WARNING
Unlike Arduino Uno boards, the SAMA5D2-XULT board runs at 3.3V. The maximum
voltage that the I/O pins can tolerate is 3.3V. Providing higher voltages (e.g., 5V) to
an I/O pin could damage the board.
Table 2-1.
Electrical Characteristics
Electrical Parameter
Value
Input voltage
5 VCC
Maximum Input voltage (limits)
6 VCC
Maximum DC 3.3V current available
1.2A
I/O voltage
3.3V only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com