| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATDS1120PC bảng dữ liệu(PDF) 5 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATDS1120PC bảng dữ liệu(HTML) 5 Page - ATMEL Corporation |
|
5 / 8 page ![]() ATDS1100PC/1120PC/1130PC/1140PC 5 Verilog – Functional and Timing Simulation Option Verilog simulation is another of the Atmel-Synario tools. This standard simulation package gives functional and full timing simulation. The simulation package is fully compati- ble with Open-Verilog, which allows construction of powerful test benches and result analysis and summary functions. Atmel-Synario Simulation creates simulation models directly from Synario’s source files. This, coupled with an extremely fast simulator, quickly tells you whether your logic is correct while you’re entering it – even before the synthesis and fitting steps. After fitting to a specific device, the user may verify the desired timing. Solve tough timing problems with full delay-annotated simulation mod- els created by the fitter. Atmel-Synario Simulator doesn’t need architecture specific libraries and models. Simply identify which portion of the design you want to simulate and the stimulus you want applied. Then press “go”. In batch mode, you can start and stop simulation from the control panel. Or you can explore your circuit’s functionality interactively. Verilog language support also assures timely device support. The Verilog simulation option includes a waveform viewer display that resembles a logic analyzer format. The wave- form viewer updates whenever you simulate, even after each step of single-step session. Once a simulation runs, the values at the cursor in the waveform viewer are “dynamically backnotated” into the schematic. This allows you to debug your hierarchical design by viewing the logic values of the buried nets in the schematic as you move the cursor in the waveform viewer. To view a new signal, just “probe” the new in the schematic and the signal will appear in the waveform viewer. Note: Cross-probing between the schematic and waveform viewer ties simulation results directly back to the source for faster and easier interpretation. Results update each time you single-step the simulator. Multiple entry methods: • Use the best one fir the application • Mix methods for efficient design • Quick translation of existing designs |