| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATDS1120PC bảng dữ liệu(PDF) 3 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATDS1120PC bảng dữ liệu(HTML) 3 Page - ATMEL Corporation |
|
3 / 8 page ![]() ATDS1100PC/1120PC/1130PC/1140PC 3 ECS – Schematic Entry Atmel-Synario schematic tool is a MS Windows-based environment. Schematic Capture in Navigator mode gives an online view of the connectivity database. Push into a lower-level schematic and upper level signal names are visible below. Highlight a net and you can follow it up and down the hierarchy. Run a design-rule check, and errors appear in a box; click on an error, and the schematic jumps to the page and location of the error. Whenever a new device is targeted, libraries are changed automatically. Device-independent Design Device-independent design is a useful design technique. It frees the designer from architectural knowledge, and allows the best device fit to each application. Until now each architecture required a different library, with different symbols. Atmel-Synario solves this problem with its power- ful and unique device-independent library. Using the standard building blocks the device-independent library provides, you can draw entire schematics that can be tar- geted to any device. The symbols have all the “smarts” to map efficiently and simulate correctly in any target device. You can build device-independent soft macros the same way. If you desire architecture specific functions, simply use the Atmel-Specific library for more efficient utilization. Now going from a 5 ns ATF16V8C to a high-density ATF1508 CPLD is only a compilation away. |