công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATL25/256 bảng dữ liệu(PDF) 8 Page - ATMEL Corporation

tên linh kiện ATL25/256
Giải thích chi tiết về linh kiện  ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATL25/256 bảng dữ liệu(HTML) 8 Page - ATMEL Corporation

Back Button ATL25/256 Datasheet HTML 4Page - ATMEL Corporation ATL25/256 Datasheet HTML 5Page - ATMEL Corporation ATL25/256 Datasheet HTML 6Page - ATMEL Corporation ATL25/256 Datasheet HTML 7Page - ATMEL Corporation ATL25/256 Datasheet HTML 8Page - ATMEL Corporation ATL25/256 Datasheet HTML 9Page - ATMEL Corporation ATL25/256 Datasheet HTML 10Page - ATMEL Corporation ATL25/256 Datasheet HTML 11Page - ATMEL Corporation ATL25/256 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
ATL25SeriesASIC
1414C–ASIC-08/02
ARM920T™
32-bit RISC
Microprocessor
Core
The ARM920T extends the capabilities of the popular ARM7TDMI, while maintaining code
compatibility and Thumb instruction compression. Enhancements include Harvard architecture
and a memory management unit with virtual addressing support (allowing the use of advanced
platform operating systems such as Windows CE™, Linux®, Symbian OS™ and VxWorks™).
16 Kbyte data and instruction caches are included.
ARM946E-S™
32-bit RISC
Microprocessor
Core
The ARM946E-S is a synthesizable version of the ARM9E-S core, with similar features to the
ARM920T. The ARM9E-S instruction set adds saturation logic to enhance DSP implementa-
tion, as well as double-word data moves. Additional DSP features include a single cycle
16 x 32 Multiply Accumulate (MAC) Unit. A memory protection unit is provided, but without full
virtual memory support. As a result, the ARM946E-S is more suited to deeply embedded tasks
that do not require extended-platform OS support. Cache sizes can be tailored to the applica-
tion, resulting in a (potentially) smaller die size compared to the ARM920T.
OakDSPCore®
Digital Signal
Processing Core
Atmel’s hard macro OakDSPCore is a 16-bit, general purpose, low-power, low-voltage and
high-speed Digital Signal Processor (DSP).
Oak is designed for mid-to-high-end telecommunications and consumer electronics applica-
tions, where low-power and portability are major requirements. Among the applications
supported are digital cellular telephones, fast modems, advanced facsimile machines and hard
disk drives. Oak is available as a DSP core in Atmel’s ASIC cell library, to be utilized as an
engine for a DSP-based ASIC. It is specified with several levels of modularity in SRAM, ROM
and I/O blocks, allowing efficient DSP-based ASIC development.
Oak is aimed at achieving the best cost-performance factor for a given (small) silicon area. As
a key element of a system-on-chip, it takes into account such requirements as program size,
data memory size, glue logic and power management.
The Oak core consists of three main execution units operating in parallel: the Computation/Bit-
Manipulation Unit (CBU), the Data Addressing Arithmetic Unit (DAAU) and the Program Con-
trol Unit (PCU).
The core also contains ROM and SRAM addressing units, and Program Control Logic (PCL).
All other peripheral blocks that are application specific are defined as part of the user-specific
logic and implemented around the DSP core on the same silicon die.
Oak has an enhanced set of DSP and general microprocessor functions to meet most applica-
tion requirements. The Oak programming model and instruction set are aimed at the
straightforward generation of efficient and compact code.
MIPS64™ 5Kf™
64-bit RISC
Microprocessor
Core
The MIPS64 5Kf is a synthesizable MIPS64 5K family core that provides 64-bit address and
data paths along with an onboard IEEE 754-compliant Floating Point Unit. A built-in memory
management unit with virtual addressing support allows the use of platform operating systems
such as Windows CE and others. Also provided are configurable instruction and data caches,
as well as a multiply divide unit capable of single cycle 32 x 16 Multiply Accumulate (MAC)
operations.
Teak and
PalmDSPCore®
Digital Signal
Processing Cores
The Teak and Palm are synthesizable dual-MAC DSP cores from DSP Group, Inc. The Teak
is a fixed-point 16-bit DSP, whereas the Palm can be configured for 16-bit, 20-bit or 24-bit
fixed-point math. Both cores are optimized for high MIPs per mW, with performance targeted
to handling filtering, voice compression/decompression and modem functions for portable and
wireless applications such as 3G digital cellular. Hardware support is also provided for imple-
menting Viterbi forward error correction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com