công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATL25/256 bảng dữ liệu(PDF) 7 Page - ATMEL Corporation

tên linh kiện ATL25/256
Giải thích chi tiết về linh kiện  ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATL25/256 bảng dữ liệu(HTML) 7 Page - ATMEL Corporation

Back Button ATL25/256 Datasheet HTML 3Page - ATMEL Corporation ATL25/256 Datasheet HTML 4Page - ATMEL Corporation ATL25/256 Datasheet HTML 5Page - ATMEL Corporation ATL25/256 Datasheet HTML 6Page - ATMEL Corporation ATL25/256 Datasheet HTML 7Page - ATMEL Corporation ATL25/256 Datasheet HTML 8Page - ATMEL Corporation ATL25/256 Datasheet HTML 9Page - ATMEL Corporation ATL25/256 Datasheet HTML 10Page - ATMEL Corporation ATL25/256 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
ATL25SeriesASIC
1414C–ASIC-08/02
ARM7TDMI™
32-bit RISC
Microprocessor
Core
The ARM7TDMI is a powerful 32-bit processor offered as a hard macro core in the ATL25
family.
The ARM7TDMI is a member of the Advanced RISC Machines (ARM) family of general pur-
pose 32-bit microprocessors, which offer high performance with very low power consumption.
Additionally, the ARM7T offers users a “thumb” mode (for higher code density using 16-bit
instructions
The ARM architecture is based on Reduced Instruction Set Computer (RISC) principles, and
the instruction set and related decode mechanism are much simpler than those of micropro-
grammed Complex Instruction Set Computers (CISC). This simplicity results in a high
instruction throughput and an impressive real-time interrupt response from a small and cost-
effective chip.
Pipelining is employed so that all parts of the processing and memory systems can operate
continuously. Typically, while one instruction is being executed, its successor is being
decoded, and a third instruction is being fetched from memory.
The ARM memory interface has been designed to allow the performance potential to be real-
ized without incurring high costs in the memory system. Speed-critical control signals are
pipelined to allow system control functions to be implemented in standard low-power logic,
and these control signals facilitate the exploitation of the fast local access modes offered by
industry standard SRAMs.
The ARM7TDMI core interfaces to several optional peripheral macros. Among the peripheral
options offered are real-time clock, peripheral data controller, USART, external bus interface,
interrupt controller, timer counter and watchdog timer.
Figure 4. ARM7TDMI 32-bit RISC Microprocessor Core
Address
Incrementor
Register Bank
(31 X 32-bit Registers)
(6 Status Registers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com