| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATSAMB11XR bảng dữ liệu(PDF) 36 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATSAMB11XR bảng dữ liệu(HTML) 36 Page - Microchip Technology |
|
36 / 87 page ![]() Pin Name XR Pin # ZR Pin # Pull MUX0 MUX1 MUX2 MUX3 MUX4 MUX5 MUX6 MUX7 CLK OUT AO_GPIO_1 21 2 Up GPIO 30 WAKEUP RTC CLK IN 32 kHZ CLK OUT AO_GPIO_2 22 3 Up GPIO 29 WAKEUP RTC CLK IN 32 kHZ CLK OUT GPIO_MS1 (1) 12 28 Up/ Down GPIO 47 GPIO_MS2 (1) 13 29 Up/ Down GPIO 46 GPIO_MS3 (1) 15 31 Up/ Down GPIO 45 GPIO_MS4 (1) 16 32 Up/ Down GPIO 44 Note: 1. If analog is selected, the digital is disabled. Table 9-2 provides the various software selectable MEGAMUX options that correspond to specific peripheral functionality. Table 9-2. Software Selectable MEGAMUX Options MUX_Sel Function Notes 0 UART1 RXD 1 UART1 TXD 2 UART1 CTS 3 UART1 RTS 4 UART2 RXD 5 UART2 TXD 6 UART2 CTS 7 UART2 RTS 8 I2C0 SDA 9 I2C0 SCL 10 I2C1 SDA ATSAMB11XR/ZR © 2017 Microchip Technology Inc. Datasheet Preliminary DS70005342A-page 36 |