công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDMF2011 bảng dữ liệu(PDF) 28 Page - ON Semiconductor

tên linh kiện FDMF2011
Giải thích chi tiết về linh kiện  High Performance 100V Smart Power Stage Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF2011 bảng dữ liệu(HTML) 28 Page - ON Semiconductor

Back Button FDMF2011 Datasheet HTML 23Page - ON Semiconductor FDMF2011 Datasheet HTML 24Page - ON Semiconductor FDMF2011 Datasheet HTML 25Page - ON Semiconductor FDMF2011 Datasheet HTML 26Page - ON Semiconductor FDMF2011 Datasheet HTML 27Page - ON Semiconductor FDMF2011 Datasheet HTML 28Page - ON Semiconductor FDMF2011 Datasheet HTML 29Page - ON Semiconductor FDMF2011 Datasheet HTML 30Page - ON Semiconductor FDMF2011 Datasheet HTML 31Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF2011 Rev.1.0
27
The gate-to-ground impedance is the parallel
combination of the gate drive (ZG_DRV) and the
MOSFET gate-to-source (ZMOS_Gate) paths. As
dVDS/dt increases, the more favorable path for
displacement current is through the capacitive
gate-source (CGS) path versus the highly
inductive and resistive gate drive loop. So
impedence through gate driver should be
minimized. The severity of the shoot through
current is difficult to predict.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31