công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS5954AM bảng dữ liệu(PDF) 12 Page - Cypress Semiconductor

tên linh kiện CS5954AM
Giải thích chi tiết về linh kiện  USB Controller for NAND Flash
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CS5954AM bảng dữ liệu(HTML) 12 Page - Cypress Semiconductor

Back Button CS5954AM Datasheet HTML 8Page - Cypress Semiconductor CS5954AM Datasheet HTML 9Page - Cypress Semiconductor CS5954AM Datasheet HTML 10Page - Cypress Semiconductor CS5954AM Datasheet HTML 11Page - Cypress Semiconductor CS5954AM Datasheet HTML 12Page - Cypress Semiconductor CS5954AM Datasheet HTML 13Page - Cypress Semiconductor CS5954AM Datasheet HTML 14Page - Cypress Semiconductor CS5954AM Datasheet HTML 15Page - Cypress Semiconductor CS5954AM Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
CS5954AM
ADVANCE
INFORMATION
Document #: 38-08025 Rev. **
Page 12 of 44
4.9.3
USB Endpoints Status (for Reading)
Reading the Endpoint Status Register provides Status information relative to the packet that has been received or transmitted.
The register is defined as follows.
• Endpoint 0 is set up as a control endpoint. The DIR bit is read-only, and indicates the direction of the last completed
transaction. If the direction is incorrect, it is the firmware’s responsibility to handle the error. On other endpoints, DIR
bit is written, and if the direction of the transfer does not match the DIR bit, then the transaction is ignored.
• At the end of any transfer to an armed and enabled endpoint (with the correct DIR bit), an interrupt occurs, and vectors
to a different location depending upon whether an error occurred or not. At the end of this transfer, the corresponding
endpoint is disarmed (the Arm bit is cleared), and the DATA0/DATA1 toggle bit is advanced if no error occurred. If a
packet is received with an incorrect toggle state, the packet is ignored so that the host will resend the data.
• The DATA0/DATA1 bit is automatically toggled by the hardware. To reset this DATA0/DATA1 toggle bit to DATA0, the
Enable on the D1 bit should be cleared to “0” and then set to “1.”
• When the zero length bit (D5) is set, the host will receive the zero length USB packet, regardless of the number of
bytes in the USB count register.
• The CS5954AM BIOS has full control of USB endpoint 0. The CS5954AM BIOS responds to all numeration from the
host. On other endpoints, the CS5954AM BIOS can be used to control under BIOS interrupt calls (see [Ref. 1]
SL11R_BIOS).
• The CS5954AM BIOS will set all USB control and status registers for endpoint 1 through 3 to zero upon receiving the
SET_CONFIG command from host. (See [Ref.3] Universal Serial Bus Specification v2.01, sec. 9 for more information.)
4.9.4
USB Endpoint 0 Address Register (0x0120: R/W)
This is the pointer to memory buffer location for USB reads and writes to this endpoint. At the end of any transfer, this register
will contain its original value plus the value in the USB endpoint count register.
4.9.5
USB Endpoint 1 Address Register (0x0124: R/W)
See USB Endpoint 0 Address Register (0x0120: R/W).
4.9.6
USB Endpoint 2 Address Register (0x0128: R/W)
See USB Endpoint 0 Address Register (0x0120: R/W).
4.9.7
USB Endpoint 3 Address Register (0x012C: R/W)
See USB Endpoint 0 Address Register (0x0120: R/W).
4.9.8
USB Endpoint 0 Count Register (0x0122: R/W)
This register is used to set the maximum packet size for the USB transfer. At the end of a successful transfer, the USB endpoint
Count Register is set to zero.
4.9.9
USB Endpoint 1 Count Register (0x0126: R/W)
See USB Endpoint 0 Count Register (0x0122: R/W).
4.9.10
USB Endpoint 2 Count Register (0x012A: R/W)
See USB Endpoint 0 Count Register (0x0122: R/W).
4.9.11
USB Endpoint 3 Count Register (0x012E: R/W)
See USB Endpoint 0 Count Register (0x0122: R/W).
Note:
7.
The CS5954AM BIOS modifies this register upon command completion on endpoint 0.
Bit Position
Bit Name
Function
D0
Arm
If “1,” the endpoint is armed.
D1
Enable
If “1,” the endpoint is enabled.
D2
DIR
Direction bit. If “1,” set to transmit to Host (IN). If “0,” set to receive from Host (OUT).
D3
ISO
If “1,” isochronous mode selected for this endpoint.
D4
Stall
If “1,” endpoint will send stall on USB when requested.
D5–D12
Not used
Read returns logic “0”s.
D13
Setup
If “1,” a Setup packet has been received.
D14
Error
If “1,” an error condition occurred on last transaction for this endpoint.
D15
Done
If “1,” transaction completed. Arm Bit is cleared to “0” when Done Set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com