38 / 44 page

CS5954AM
ADVANCE
INFORMATION
Document #: 38-08025 Rev. **
Page 38 of 44
9.6
CS5954AM USB Transceiver Characteristics
9.7
CS5954AM Reset Timing
9.8
CS5954AM Clock Timing Specifications
Notes:
44. All typical values are VDDx = 3.3 V and TAMB= 25°C.
45. ZUSBX Impedance Values includes an external resistor of 28–42Ω ± 1%.
9.5
CS5954AM DC Characteristics (continued)
IOL
Output Current LOW
4 mA
CIN
Input Capacitance
20 pF
ICC
Supply Current (VDD)< 30 mA
IUSB
Supply Current (VDD1)< 10 mA
Pd
Power Dissipation
0.7W
ICC +USB Susp.
Suspend Supply Current
< 220
µA
Parameter
Description
Min.
Typical[44]
Max.
VIHYS
Hysteresis On Input (Data+, Data–)
0.1V
200 mV
VUSBIH
USB Input Voltage HIGH
1.5 V
2.0V
VUSBIL
USB Input Voltage LOW
0.8V
1.3 V
VUSBOH
USB Output Voltage HIGH
2.2V
VUSBOL
USB Output Voltage LOW
0.7V
ZUSBH
[45]
Output Impedance HIGH State
28
Ω
42
Ω
ZUSBL
[45]
Output Impedance LOW State
28
Ω
42
Ω
Parameter
Description
Min.
Typical
Max.
treset
nRESET Pulse Width
100 ms
tioact
nRESET HIGH to nRD or nWRx Active
100 ms
nRESET
nRD or nWRL or nWRH
treset
tioact
XIN
trise
tfall
thigh
tclk
tlow