| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 National Semiconductor ... |
MKT-SLD20A
|
49Kb / 1P |
THIN CSP, PLASTIC, LAMINATED, 3.5 X 3.5 X 0.8mm BODY, 20L, 0.5mm PITCH
|
 STANLEY ELECTRIC CO.,LT... |
KW1305A
|
295Kb / 13P |
3.5 x 3.5 mm (h=1.6 mm) Type White LED
|
|
SW1305A
|
311Kb / 14P |
3.5 x 3.5 mm (h=1.6 mm) Type White LED
|
 Weidmuller |
1729020000
|
93Kb / 4P |
S2L 3.5/20/180G3.5SN SW
|
|
1729660000
|
93Kb / 4P |
S2L 3.5/20/180F3.5SN SW
|
 NXP Semiconductors |
SOT486-1
|
242Kb / 1P |
plastic low profile quad flat package; 144 leads; body 20 x 20 x 1.4 mm
2008 |
 Eaton All Rights Reserv... |
HBH
|
396Kb / 2P |
5 mm x 20 mm fuse holders
|
 SunLED Corporation |
XZFBBM2ACRDG92W-3
|
285Kb / 4P |
3.5 x 3.5 mm Surface Mount SMD Chip LED
Feb 04,2021 |
|
XZM2CRKCYKFBB92W-3
|
295Kb / 4P |
3.5 x 3.5 mm Surface Mount SMD Chip LED
Dec 15,2021 |
|
XZFBBM2ACRTHI92W-3
|
339Kb / 4P |
3.5 x 3.5 mm Surface Mount SMD Chip LED
Aug 29,2022 |