công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SOT486-1 bảng dữ liệu (PDF) - NXP Semiconductors

SOT486-1 Datasheet PDF - NXP Semiconductors
tên linh kiện SOT486-1
tải về  SOT486-1 tải về
kích thước tập tin   242.78 Kbytes
Page   1 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện plastic low profile quad flat package; 144 leads; body 20 x 20 x 1.4 mm

SOT486-1 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
SOT486-1 Datasheet PDF - NXP Semiconductors

tên linh kiện SOT486-1
tải về  SOT486-1 Click to download

kích thước tập tin   242.78 Kbytes
Page   1 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện plastic low profile quad flat package; 144 leads; body 20 x 20 x 1.4 mm

SOT486-1 bảng dữ liệu (HTML) - NXP Semiconductors


SOT486-1 Thông tin chi tiết sản phẩm

General description
The LPC1850/30/20/10 are ARM Cortex-M3 based microcontrollers for embedded applications. The ARM Cortex-M3 is a next generation core that offers system enhancements such as low power consumption, enhanced debug features, and a high level of support block integration.
The LPC1850/30/20/10 operate at CPU frequencies of up to 180 MHz. The ARM Cortex-M3 CPU incorporates a 3-stage pipeline and uses a Harvard architecture with separate local instruction and data buses as well as a third bus for peripherals. The ARM Cortex-M3 CPU also includes an internal prefetch unit that supports speculative branching.
The LPC1850/30/20/10 include up to 200 kB of on-chip SRAM, a quad SPI Flash Interface (SPIFI), a State Configurable Timer (SCT) subsystem, two High-speed USB controllers, Ethernet, LCD, an external memory controller, and multiple digital and analog peripherals.

Features and benefits
■ Processor core
   ◆ ARM Cortex-M3 processor, running at frequencies of up to 180 MHz.
   ◆ ARM Cortex-M3 built-in Memory Protection Unit (MPU) supporting eight regions.
   ◆ ARM Cortex-M3 built-in Nested Vectored Interrupt Controller (NVIC).
   ◆ Non-maskable Interrupt (NMI) input.
   ◆ JTAG and Serial Wire Debug, serial trace, eight breakpoints, and four watch points.
   ◆ Enhanced Trace Module (ETM) and Enhanced Trace Buffer (ETB) support.
   ◆ System tick timer.
■ On-chip memory
   ◆ 200 kB SRAM for code and data use.
   ◆ Multiple SRAM blocks with separate bus access.
   ◆ 64 kB ROM containing boot code and on-chip software drivers.
   ◆ 32-bit One-Time Programmable (OTP) memory for general-purpose use.
■ Clock generation unit
   ◆ Crystal oscillator with an operating range of 1 MHz to 25 MHz.
   ◆ 12 MHz internal RC oscillator trimmed to 1 % accuracy over temperature and
      voltage.
   ◆ Ultra-low power RTC crystal oscillator.
   ◆ Three PLLs allow CPU operation up to the maximum CPU rate without the need for
      a high-frequency crystal. The second PLL is dedicated to the High-speed USB, the
      third PLL can be used as audio PLL.
   ◆ Clock output.
■ Configurable digital peripherals:
   ◆ State Configurable Timer (SCT) subsystem on AHB.
   ◆ Global Input Multiplexer Array (GIMA) allows to cross-connect multiple inputs and
      outputs to event driven peripherals like timers, SCT, and ADC0/1.
■ Serial interfaces:
   ◆ Quad SPI Flash Interface (SPIFI) with 1-, 2-, or 4-bit data at rates of up to
      52 MB per second.
   ◆ 10/100T Ethernet MAC with RMII and MII interfaces and DMA support for high
      throughput at low CPU load. Support for IEEE 1588 time stamping/advanced time
      stamping (IEEE 1588-2008 v2).
   ◆ One High-speed USB 2.0 Host/Device/OTG interface with DMA support and
      on-chip high-speed PHY (USB0).
   ◆ One High-speed USB 2.0 Host/Device interface with DMA support, on-chip
      full-speed PHY and ULPI interface to an external high-speed PHY (USB1).
   ◆ USB interface electrical test software included in ROM USB stack.
   ◆ Four 550 UARTs with DMA support: one UART with full modem interface; one
      UART with IrDA interface; three USARTs support UART synchronous mode and a
      smart card interface conforming to ISO7816 specification.
   ◆ Up to two C_CAN 2.0B controllers with one channel each. Use of C_CAN controller
      excludes operation of all other peripherals connected to the same bus bridge See
      Figure 1 and Ref. 1.
   ◆ Two SSP controllers with FIFO and multi-protocol support. Both SSPs with DMA
      support.
   ◆ One Fast-mode Plus I2C-bus interface with monitor mode and with open-drain I/O
      pins conforming to the full I2C-bus specification. Supports data rates of up to
      1 Mbit/s.
   ◆ One standard I2C-bus interface with monitor mode and standard I/O pins.
   ◆ Two I2S interfaces with DMA support, each with one input and one output. (Continue ...)




Số phần tương tự - SOT486-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
SOT486-1 PHILIPS-SOT486-1 Datasheet
15Kb / 2P
PC BOARD FOORTPRINT
2001 Feb 16
SOT486-1 NXP-SOT486-1 Datasheet
2Mb / 153P
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 4-26 March 2013
SOT486-1 NXP-SOT486-1 Datasheet
2Mb / 149P
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 6.1-7 February 2013
More results


Mô tả tương tự - SOT486-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
fujitsu semiconductor
FPT-64P-M09 FUJITSU-FPT-64P-M09 Datasheet
58Kb / 1P
LOW PROFILE QUAD FLAT PACKAGE 64 PIN PLASTIC
logo
NXP Semiconductors
SOT389-1 PHILIPS-SOT389-1 Datasheet
14Kb / 1P
Plastic Low Profile Quad flat Package
2002 Jun 07
logo
fujitsu semiconductor
FPT-208P-M06 FUJITSU-FPT-208P-M06 Datasheet
57Kb / 1P
LOW PROFILE QUAD FLAT PACKAGE 208 PIN PLASTIC
logo
NXP Semiconductors
SOT545-3 PHILIPS-SOT545-3 Datasheet
15Kb / 1P
plastic thermal enganced thin quad flat package; 48 leads; body 7 x 7 x 1 mm; exposed die pad
2004 Feb 05
logo
ILSI America LLC
IL3R ILSI-IL3R Datasheet
46Kb / 2P
4 Pad Plastic Package, 1.4 mm x 7 mm
logo
List of Unclassifed Man...
AFB0912HD ETC2-AFB0912HD Datasheet
122Kb / 1P
92 x 92 x 20 MM SERIES
AFB0512VHD ETC2-AFB0512VHD Datasheet
169Kb / 1P
50 x 50 x 20 MM SERIES
logo
NXP Semiconductors
SOT612-3 NXP-SOT612-3 Datasheet
850Kb / 5P
plastic thermal enhanced low profile quad flat package
8 February 2016
SOT612-4 NXP-SOT612-4 Datasheet
849Kb / 5P
plastic thermal enhanced low profile quad flat package
8 February 2016
NAFE11388 NXP-NAFE11388 Datasheet
226Kb / 7P
thermal enhanced very thin quad flat package, no leads, dimple wettable flank; 64 terminals, 0.5 mm pitch, 9 mm x 9 mm x 0.85 mm body
Rev. 1-29 December 2021
More results




Giới thiệu về NXP Semiconductors


NXP S bán dẫn là một công ty đa quốc gia được giao dịch công khai, thiết kế, phát triển và sản xuất một loạt các chất bán dẫn và mạch tích hợp cho các ứng dụng khác nhau, bao gồm thị trường ô tô, công nghiệp, truyền thông và tiêu dùng.

Công ty được thành lập vào năm 2006 và có trụ sở tại Eindhoven, Hà Lan.

NXP cung cấp một danh mục sản phẩm rộng lớn, bao gồm vi điều khiển, bộ vi xử lý, IC xác thực an toàn, ICS quản lý năng lượng, RF và các thành phần vi sóng và các giải pháp cảm biến, trong số các thành phần khác.

Các sản phẩm của công ty được thiết kế để tiết kiệm năng lượng, an toàn và đáng tin cậy và được sử dụng trong nhiều ứng dụng khác nhau, bao gồm hệ thống ô tô, tự động hóa và kiểm soát công nghiệp, nhà thông minh và tòa nhà, và các thiết bị được kết nối.

NXP dành riêng cho sự đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp cho khách hàng của mình các giải pháp bán dẫn tốt nhất để đáp ứng nhu cầu của họ.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.