| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
1201080010
|
35Kb / 2P |
Micro-Change (M12) to RJ-45 Double-Ended Cordset, 4 Poles, Female (Straight) to Male RJ-45, 1.0m (3.28) Length
12/01/2022 |
|
1201080214
|
28Kb / 2P |
Micro-Change(M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male Push/Pull RJ-45, 22 AWG, Shielded PUR Cable, 1.0m (3.28) Length
02/01/2023 |
|
1201080256
|
48Kb / 2P |
Micro-Change (M12) to RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45, 22 AWG, Shielded PUR Cable, 1.0m (3.28) Length
01/31/2023 |
|
1201080257
|
28Kb / 2P |
Micro-Change (M12) to RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45, 22 AWG, Shielded PUR Cable, 5.0m (16.40) Length
02/02/2023 |
|
1201080265
|
28Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male RJ-45, Cable, 22 Shielded PUR Cable, 2.0m (6.56) Length
02/02/2023 |
|
1201080266
|
28Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male RJ-45, Cable, 22 Shielded PUR Cable, 5.0m (16.40) Length
02/01/2023 |
|
1201080519
|
28Kb / 2P |
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Female (Straight) to Male RJ-45 (Straight), 22 AWG, Green Shielded TPU Cat5e Cable, 1.0m (3.28) Length
02/02/2023 |
|
1300480114
|
27Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 22 AWG, PUR Cable, 1.0m (3.28) Length
01/31/2023 |
|
1300480145
|
28Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (90°), 22 AWG, PUR Cable, 1.0m (3.28) Length
01/31/2023 |
|
1201080258
|
28Kb / 2P |
Micro-Change (M12) to RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45, 22 AWG, Shielded PUR Cable, 10.0m (32.81) Length
02/01/2023 |