| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
1201088008
|
41Kb / 1P |
Micro-Change (M12) to RJ-45 Double-Ended Cordset, 4 Poles, Female
|
|
1201080256
|
48Kb / 2P |
Micro-Change (M12) to RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45, 22 AWG, Shielded PUR Cable, 1.0m (3.28) Length
01/31/2023 |
|
1201080264
|
28Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male RJ-45, Cable, 22 Shielded PUR Cable, 1.0m (3.28) Length
01/31/2023 |
|
1201080519
|
28Kb / 2P |
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Female (Straight) to Male RJ-45 (Straight), 22 AWG, Green Shielded TPU Cat5e Cable, 1.0m (3.28) Length
02/02/2023 |
|
1201080521
|
27Kb / 1P |
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 22 AWG, Green Shielded TPU Cat5e Cable, 1.0m (3.28) Length
02/01/2023 |
|
1201088450
|
28Kb / 1P |
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 24 AWG, Teal Shielded TPU Cat5e Cable, 1.0m (3.28) Length
02/01/2023 |
|
1300480197
|
28Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male RJ-45 (Straight), 24 AWG, PVC Cable, 1.0m (3.28) Length
01/31/2023 |
|
1300480205
|
38Kb / 2P |
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 24 AWG, Teal Unshielded PVC Cat5e Cable, 1.0m (3.28) Length
02/01/2023 |
|
1300480211
|
28Kb / 2P |
Micro-Change (M12) to Brad RJ-Lnxx RJ-45 Double-Ended Cordset, 4 Poles, Male M12 (Straight) to Female RJ-45 (Straight), 24 AWG, Teal Shielded PVC Cable, 1.0m (3.28) Length
01/31/2023 |
|
1300480280
|
27Kb / 1P |
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 26 AWG, Teal Shielded PVC Cat5e Cable, 1.0m (3.28) Length
02/01/2023 |