công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL976787IBZ bảng dữ liệu (PDF) - Intersil Corporation

ISL976787IBZ Datasheet PDF - Intersil Corporation
tên linh kiện ISL976787IBZ
tải về  ISL976787IBZ tải về
kích thước tập tin   1356.32 Kbytes
Page   24 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện 4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution

ISL976787IBZ Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
ISL976787IBZ Datasheet PDF - Intersil Corporation

tên linh kiện ISL976787IBZ
tải về  ISL976787IBZ Click to download

kích thước tập tin   1356.32 Kbytes
Page   24 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện 4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution

ISL976787IBZ bảng dữ liệu (HTML) - Intersil Corporation


ISL976787IBZ Thông tin chi tiết sản phẩm

The ISL97687 is a PWM controlled LED driver that supports
4 channels of LED current, for Monitor and TV LCD backlight
applications. It is capable of driving 160mA per channel from a
9V to 32V input supply, with current sources rated up to 75V
absolute maximum.
The ISL97687’s current sources achieve typical current
matching to ±1%, while dynamically maintaining the
minimum required VOUT necessary for regulation. This adaptive
scheme compensates for the non-uniformity of forward
voltage variance in the LED strings.
The ISL97687 can decode both an incoming PWM signal and
an analog input voltage, for DC-to-PWM dimming applications.
Modes include direct PWM and several modes where the PWM
frequency is synthesized on chip at 10-bit resolution. This can
be either free running, or synchronized with the frame rate to
give both a frequency and a phase lock, minimizing panel to
panel variation and display flicker. Phase shift is supported,
reducing flicker and audio noise, as is multiplication of the
incoming decoded analog and PWM values.
The ISL97687 has an advanced dynamic headroom control
function, which monitors the highest LED forward voltage
string, and regulates the output to the correct level to minimize
power loss. This proprietary regulation scheme also allows for
extremely linear PWM dimming from 0.02% to 100%. The LED
current can also be switched between two current levels, giving
support for 3D applications. The ISL97687 incorporates
extensive protections of string open and short circuit
detections, OVP, and OTP.

Features
• 4x160mA, 75V rated channels with integrated channel
regulation FETs
• Channels can be ganged for high current
- 2x350mA
- 1x700mA
• 9V~32V input voltage
• Dimming modes:
- Direct PWM dimming from 100Hz~30kHz
- PWM dimming with adjustable output frequency
- 10-bit dimming resolution
- VSYNC function to synchronize PWM signal to frame
rate
- Phase shift
- Analog to PWM dimming with 8-bit resolution
• 2 selectable current levels for 3D applications
• Current matching of ±1%
• Integrated fault protection features such as string open
circuit protection, string short circuit protection, overvoltage
protection, and over-temperature protection
• 28 Ld 5mmx5mm TQFN and 28 Ld 300mil SOIC Packages
Available

Applications
• Monitor/TV LED Backlighting
• General/Industrial/Automotive Lighting




Số phần tương tự - ISL976787IBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL976787IBZ INTERSIL-ISL976787IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 15, 2011
ISL976787IBZ INTERSIL-ISL976787IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 27, 2012
logo
Renesas Technology Corp
ISL976787IBZ RENESAS-ISL976787IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
More results


Mô tả tương tự - ISL976787IBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
4-Channel LED Driver with Phase Shift Control
May 19, 2010
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
June 24, 2010
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 15, 2011
ISL97687IRTZ-T INTERSIL-ISL97687IRTZ-T Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 27, 2012
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL78171ARZ INTERSIL-ISL78171ARZ Datasheet
931Kb / 29P
6-Channel, 50mA Automotive LED Driver with Ultra-high Dimming Ratio and Phase Shift Control
June 15, 2015
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
logo
Renesas Technology Corp
ISL97675 RENESAS-ISL97675 Datasheet
982Kb / 21P
4-Channel LED Driver with Phase Shift Control
ISL97687 RENESAS-ISL97687 Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
More results




Giới thiệu về Intersil Corporation


Intersil Corporation là một công ty bán dẫn của Mỹ chuyên về thiết kế và sản xuất các mạch tích hợp tương tự và tín hiệu hỗn hợp hiệu suất cao.
Công ty được thành lập vào năm 1967 và được biết đến với chuyên môn về quản lý năng lượng, chuyển đổi dữ liệu và công nghệ tần số vô tuyến (RF).
Các sản phẩm của Intersil được sử dụng trong một loạt các ứng dụng như điện tử tiêu dùng, công nghiệp, viễn thông, và hàng không vũ trụ và phòng thủ.
Năm 2016, Intersil được mua lại bởi Renesas Electronics Corporation, một công ty bán dẫn của Nhật Bản.
Thương hiệu và công nghệ Intersil tiếp tục được phát triển và bán như một phần của danh mục sản phẩm của Renesas.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com