công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL976787IBZ bảng dữ liệu (PDF) - Intersil Corporation

ISL976787IBZ Datasheet PDF - Intersil Corporation
tên linh kiện ISL976787IBZ
tải về  ISL976787IBZ tải về
kích thước tập tin   1358.6 Kbytes
Page   24 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện 4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution

ISL976787IBZ Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
ISL976787IBZ Datasheet PDF - Intersil Corporation

tên linh kiện ISL976787IBZ
tải về  ISL976787IBZ Click to download

kích thước tập tin   1358.6 Kbytes
Page   24 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện 4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution

ISL976787IBZ bảng dữ liệu (HTML) - Intersil Corporation


ISL976787IBZ Thông tin chi tiết sản phẩm

4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution

The ISL97687 is a PWM controlled LED driver that supports 4 channels of LED current, for Monitor and TV LCD backlight applications. It is capable of driving 160mA per channel from a 9V to 32V input supply, with current sources rated up to 75V absolute maximum.

Features
• 4x160mA, 75V Rated Channels with Integrated Channel Regulation FETs
• Channels can be Ganged for High Current
    - 2x350mA
    - 1x700mA
• 9V~32V Input Voltage
• Dimming Modes:
    - Direct PWM Dimming from 100Hz~30kHz
    - PWM Dimming with Adjustable Output Frequency
    - 10-bit Dimming Resolution
    - VSYNC Function to Synchronize PWM Signal to Frame Rate
    - Phase Shift
    - Analog to PWM Dimming with 8-bit Resolution
• 2 Selectable Current Levels for 3D Applications
• Current Matching of ±1%
• Integrated Fault Protection Features such as String Open Circuit Protection, String Short Circuit Protection, Overvoltage Protection, and Over-Temperature Protection
• 28 Ld 5x5mm TQFN and 28 Ld 300mil SOIC Packages Available

Applications
• Monitor/TV LED Backlighting
• General/Industrial/Automotive Lighting




Số phần tương tự - ISL976787IBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL976787IBZ INTERSIL-ISL976787IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 15, 2011
ISL976787IBZ INTERSIL-ISL976787IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
logo
Renesas Technology Corp
ISL976787IBZ RENESAS-ISL976787IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
More results


Mô tả tương tự - ISL976787IBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
4-Channel LED Driver with Phase Shift Control
May 19, 2010
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
June 24, 2010
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 15, 2011
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL78171ARZ INTERSIL-ISL78171ARZ Datasheet
931Kb / 29P
6-Channel, 50mA Automotive LED Driver with Ultra-high Dimming Ratio and Phase Shift Control
June 15, 2015
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
logo
Renesas Technology Corp
ISL97675 RENESAS-ISL97675 Datasheet
982Kb / 21P
4-Channel LED Driver with Phase Shift Control
ISL97687 RENESAS-ISL97687 Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
More results




Giới thiệu về Intersil Corporation


Intersil Corporation là một công ty bán dẫn của Mỹ chuyên về thiết kế và sản xuất các mạch tích hợp tương tự và tín hiệu hỗn hợp hiệu suất cao.
Công ty được thành lập vào năm 1967 và được biết đến với chuyên môn về quản lý năng lượng, chuyển đổi dữ liệu và công nghệ tần số vô tuyến (RF).
Các sản phẩm của Intersil được sử dụng trong một loạt các ứng dụng như điện tử tiêu dùng, công nghiệp, viễn thông, và hàng không vũ trụ và phòng thủ.
Năm 2016, Intersil được mua lại bởi Renesas Electronics Corporation, một công ty bán dẫn của Nhật Bản.
Thương hiệu và công nghệ Intersil tiếp tục được phát triển và bán như một phần của danh mục sản phẩm của Renesas.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com