công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HGTG30N60C3D bảng dữ liệu (PDF) - Intersil Corporation

HGTG30N60C3D Datasheet PDF - Intersil Corporation
tên linh kiện HGTG30N60C3D
tải về  HGTG30N60C3D tải về
kích thước tập tin   116.91 Kbytes
Page   7 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện 63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes

HGTG30N60C3D Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
HGTG30N60C3D Datasheet PDF - Intersil Corporation

tên linh kiện HGTG30N60C3D
tải về  HGTG30N60C3D Click to download

kích thước tập tin   116.91 Kbytes
Page   7 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện 63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes

HGTG30N60C3D bảng dữ liệu (HTML) - Intersil Corporation


HGTG30N60C3D Thông tin chi tiết sản phẩm

The HGTG30N60C3D is a MOS gated high voltage switching device combining the best features of MOSFETs and bipolar transistors. The device has the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The much lower on-state voltage drop varies only moderately between 25°C and 150°C. The IGBT used is the development type TA49051. The diode used in anti-parallel with the IGBT is the development type TA49053. The IGBT is ideal for many high voltage switching applications operating at moderate frequencies where low conduction losses are essential. Formerly Developmental Type TA49014.



Features

• 63A, 600V at TC= 25°C

• Typical Fall Time. . . . . . . . . . . . . . . . 230ns at TJ= 150°C

• Short Circuit Rating

• Low Conduction Loss

• Hyperfast Anti-Parallel Diode



 




Số phần tương tự - HGTG30N60C3D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D Datasheet
144Kb / 8P
63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Harris Corporation
HGTG30N60C3D HARRIS-HGTG30N60C3D Datasheet
131Kb / 8P
63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D Datasheet
299Kb / 9P
63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2009
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D_V01 Datasheet
299Kb / 9P
63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2009
More results


Mô tả tương tự - HGTG30N60C3D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
HGTP12N60C3D FAIRCHILD-HGTP12N60C3D Datasheet
154Kb / 8P
24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
HGTP7N60C3D FAIRCHILD-HGTP7N60C3D Datasheet
197Kb / 7P
14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTP12N60C3D INTERSIL-HGTP12N60C3D Datasheet
99Kb / 7P
24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
HGTP3N60C3D INTERSIL-HGTP3N60C3D Datasheet
273Kb / 7P
6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
HGTP7N60C3D INTERSIL-HGTP7N60C3D Datasheet
176Kb / 7P
14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D Datasheet
144Kb / 8P
63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
HGT1Y40N60B3D FAIRCHILD-HGT1Y40N60B3D Datasheet
132Kb / 9P
70A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Harris Corporation
HGTG30N60C3D HARRIS-HGTG30N60C3D Datasheet
131Kb / 8P
63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGT1S7N60C3DS9A FAIRCHILD-HGT1S7N60C3DS9A Datasheet
566Kb / 9P
14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D_V01 Datasheet
299Kb / 9P
63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2009
More results




Giới thiệu về Intersil Corporation


Intersil Corporation là một công ty bán dẫn của Mỹ chuyên về thiết kế và sản xuất các mạch tích hợp tương tự và tín hiệu hỗn hợp hiệu suất cao.
Công ty được thành lập vào năm 1967 và được biết đến với chuyên môn về quản lý năng lượng, chuyển đổi dữ liệu và công nghệ tần số vô tuyến (RF).
Các sản phẩm của Intersil được sử dụng trong một loạt các ứng dụng như điện tử tiêu dùng, công nghiệp, viễn thông, và hàng không vũ trụ và phòng thủ.
Năm 2016, Intersil được mua lại bởi Renesas Electronics Corporation, một công ty bán dẫn của Nhật Bản.
Thương hiệu và công nghệ Intersil tiếp tục được phát triển và bán như một phần của danh mục sản phẩm của Renesas.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com