|
Features
Input Rating of 32V
Input Overvoltage Protection with 6.5V
Input Voltage Dynamic Power Management
10% Charge Current Accuracy
1% Charge Voltage Accuracy
Pin ISET2 can select 100mA or 500mA
Maximum Input Current Limit
Programmable Termination and Trickle
Threshold
Fixed 10 Hour Safety Timer
Status Indication – Charging/Done
Integrated Auto Start Function for Production
125°C Thermal Regulation
150°C Thermal Shutdown Protection
BAT Short-Circuit Protection
Charge Solutions for JEITA
(DIO5090A):
1. No charge at ‘Temp>50°C’ & ‘Temp<0°C’;
2. 0.2*CC (Constant-Current) Temp at 0~10°C;
3. Constant-Current Temp at 10~45°C;
4. 0.5*CC & BAT voltage = VBAT-0.1 Temp at
45~50°C.
(DIO5090B, DIO5090D):
1. No charge at ‘Temp>45°C’ & ‘Temp<0°C’;
2. 0.2*CC (Constant-Current) Temp at 0~10°C;
3. Constant-Current Temp at 10~45°C.
4. DIO5090D has dedicated BAT_V pin for
battery voltage sense.
Automatic Termination and Timer Disable
Mode (TTDM) for Absent Battery Pack With
Thermistor
Package: EP-MSOP10
Descriptions
DIO5090X is highly integrated lithium ion and
lithium polymer linear chargers, suitable for
portable applications with limited space. The
device is powered by a USB port or AC adapter.
The high input voltage range with input
overvoltage protection supports low-cost,
unregulated adapters.
DIO5090X has a single power output and can
charge batteries. If the average system load fails
to charge the battery during the 10-hour safety
timer, the system load can be connected in
parallel with the battery.
The device has three stages for charging a Li-Ion
battery: regulation, constant current and constant
voltage. In all charging stages, IC junction
temperature is monitored by the internal control
loop. When the charging current exceeds the
internal temperature threshold, the internal
control loop will reduce the charging current.
The charger power level and charging current
induction function are fully integrated. The
charger has high precision current and voltage
regulation circuit function, charging status
display, charging termination function.
Trickle-charge current and terminal current
threshold can be programmed by external
resistance on DIO5090X. The value of constant
current can also be programmed by an external
resistance.
Applications
Low-Power Handheld Devices
Smart Phones
MP3 Players
PDAs
|