công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AF09-30-01-13 bảng dữ liệu (PDF) - ABB

AF09-30-01-13 Datasheet PDF - ABB
tên linh kiện AF09-30-01-13
tải về  AF09-30-01-13 tải về
kích thước tập tin   57.14 Kbytes
Page   3 Pages
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB
Giải thích chi tiết về linh kiện AF09-30-01-13 100-250V50/60HZ-DC Contactor

AF09-30-01-13 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
AF09-30-01-13 Datasheet PDF - ABB

tên linh kiện AF09-30-01-13
tải về  AF09-30-01-13 Click to download

kích thước tập tin   57.14 Kbytes
Page   3 Pages
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB
Giải thích chi tiết về linh kiện AF09-30-01-13 100-250V50/60HZ-DC Contactor

AF09-30-01-13 bảng dữ liệu (HTML) - ABB


AF09-30-01-13 Thông tin chi tiết sản phẩm

Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
General Information
AF09-30-01-13
1SBL137001R1301
3471523110137
AF09-30-01-13 100-250V50/60HZ-DC Contactor
AF09 contactors are used for controlling power circuits up to 690 V AC and 220 V DC. They
are mainly used for controlling 3-phase motors, non-inductive or slightly inductive loads.
AF... contactors include an electronic coil interface accepting a wide control voltage Uc min.
... Uc max. Only four coils cover control voltages between 24...500 V 50/60 Hz or 20...500 V
DC. AF contactors can manage large control voltage variations. One coil can be used for
different control voltages used worldwide without any coil change. AF contactors have built-in
surge protection and do not require additional surge suppressors. The AF... series 1-stack
3-pole contactors are of the block type design. - Main poles and auxiliary contact blocks: 3
main poles, 1 built-in auxiliary contact, front and side-mounted add-on auxiliary contact
blocks (mechanically-linked auxiliary contacts compliant with Annex L of IEC 60947-5-1.
N.C. mirror contacts compliant with Annex F of IEC 60947-4-1) - Control circuit: AC or DC
operated - Accessories: a wide range of accessories is available.




Số phần tương tự - AF09-30-01-13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ABB
AF09-30-01-11 ABB-AF09-30-01-11 Datasheet
57Kb / 3P
AF09-30-01-11 24-60V50/60HZ 20-60VDC Contactor
AF09-30-01-12 ABB-AF09-30-01-12 Datasheet
57Kb / 3P
AF09-30-01-12 48-130V50/60HZ-DC Contactor
AF09-30-01-14 ABB-AF09-30-01-14 Datasheet
57Kb / 3P
AF09-30-01-14 250-500V50/60HZ-DC Contactor
More results


Mô tả tương tự - AF09-30-01-13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SIRENZA MICRODEVICES
LF-402 SIRENZA-LF-402 Datasheet
130Kb / 1P
Wideband RF/Pulse Transformers .01/100 MHz/.01-100 MHz
logo
Zhejiang DongYa Electro...
ZLJM-100A DONGYA-ZLJM-100A Datasheet
179Kb / 1P
DC Contactor
ZLJM-300D DONGYA-ZLJM-300D Datasheet
241Kb / 1P
DC Contactor
ZLJM-800D DONGYA-ZLJM-800D Datasheet
238Kb / 1P
DC Contactor
logo
ABB
AF65-30-11-14 ABB-AF65-30-11-14 Datasheet
101Kb / 4P
AF65-30-11-14 250-500V50/60HZ-DC Contactor
2022
AF09-30-10-13 ABB-AF09-30-10-13 Datasheet
84Kb / 3P
AF09-30-10-13 100-250V50/60HZ-DC Contactor
12/22/14 3:30 PM
AF96-30-00-13 ABB-AF96-30-00-13 Datasheet
131Kb / 6P
100-250V50/60HZ-DC Contactor
AF116-30-11-13 ABB-AF116-30-11-13 Datasheet
234Kb / 6P
AF116-30-11-13 Contactor
NFZ40E-23 ABB-NFZ40E-23 Datasheet
129Kb / 5P
NFZ40E-23 100-250V50/60HZ-DC Contactor Relay
A9-30-10 ABB-A9-30-10 Datasheet
100Kb / 5P
A9-30-10 24V 50Hz / 24V 60Hz Contactor
More results




Giới thiệu về ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com