công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AF09-30-01-11 bảng dữ liệu (PDF) - ABB

AF09-30-01-11 Datasheet PDF - ABB
tên linh kiện AF09-30-01-11
tải về  AF09-30-01-11 tải về
kích thước tập tin   57.1 Kbytes
Page   3 Pages
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB
Giải thích chi tiết về linh kiện AF09-30-01-11 24-60V50/60HZ 20-60VDC Contactor

AF09-30-01-11 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
AF09-30-01-11 Datasheet PDF - ABB

tên linh kiện AF09-30-01-11
tải về  AF09-30-01-11 Click to download

kích thước tập tin   57.1 Kbytes
Page   3 Pages
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB
Giải thích chi tiết về linh kiện AF09-30-01-11 24-60V50/60HZ 20-60VDC Contactor

AF09-30-01-11 bảng dữ liệu (HTML) - ABB


AF09-30-01-11 Thông tin chi tiết sản phẩm

Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
General Information
AF09-30-01-11
1SBL137001R1101
3471523110113
AF09-30-01-11 24-60V50/60HZ 20-60VDC Contactor
AF09 contactors are used for controlling power circuits up to 690 V AC and 220 V DC. They
are mainly used for controlling 3-phase motors, non-inductive or slightly inductive loads.
AF... contactors include an electronic coil interface accepting a wide control voltage Uc min.
... Uc max. Only four coils cover control voltages between 24...500 V 50/60 Hz or 20...500 V
DC. AF contactors can manage large control voltage variations. One coil can be used for
different control voltages used worldwide without any coil change. AF contactors have built-in
surge protection and do not require additional surge suppressors. The AF... series 1-stack
3-pole contactors are of the block type design. - Main poles and auxiliary contact blocks: 3
main poles, 1 built-in auxiliary contact, front and side-mounted add-on auxiliary contact
blocks (mechanically-linked auxiliary contacts compliant with Annex L of IEC 60947-5-1.
N.C. mirror contacts compliant with Annex F of IEC 60947-4-1) - Control circuit: AC or DC
operated - Accessories: a wide range of accessories is available. Note: AF..-30-..-11 not
suitable for a direct control by PLC-output. AF..-30-..-11 contactor type available in some
countries: please consult your ABB representative.




Số phần tương tự - AF09-30-01-11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ABB
AF09-30-01-12 ABB-AF09-30-01-12 Datasheet
57Kb / 3P
AF09-30-01-12 48-130V50/60HZ-DC Contactor
AF09-30-01-13 ABB-AF09-30-01-13 Datasheet
57Kb / 3P
AF09-30-01-13 100-250V50/60HZ-DC Contactor
AF09-30-01-14 ABB-AF09-30-01-14 Datasheet
57Kb / 3P
AF09-30-01-14 250-500V50/60HZ-DC Contactor
More results


Mô tả tương tự - AF09-30-01-11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
SX8124 SEMTECH-SX8124 Datasheet
271Kb / 23P
24 hours timer synchronized on 50/60Hz mains
logo
Hamamatsu Corporation
S11155-2048-01 HAMAMATSU-S11155-2048-01 Datasheet
468Kb / 8P
S11155-2048-01 S11156-2048-01
logo
PHOENIX CONTACT
1053014-0011 PHOENIX-1053014-0011 Datasheet
80Kb / 3P
ZB10,LGS:FORTL.ZAHLEN 11-20
logo
Schneider Electric
S7550A0C0C6E0A0A SCHNEIDER-S7550A0C0C6E0A0A Datasheet
147Kb / 3P
ION7550 - wDispl - 5MB 256s - 5A 60VDC 60Hz - RST2E - 8I3R4O
May 21, 2020
logo
ABB
AF65-30-11-14 ABB-AF65-30-11-14 Datasheet
101Kb / 4P
AF65-30-11-14 250-500V50/60HZ-DC Contactor
2022
AF09-30-10-13 ABB-AF09-30-10-13 Datasheet
84Kb / 3P
AF09-30-10-13 100-250V50/60HZ-DC Contactor
12/22/14 3:30 PM
AF96-30-00-13 ABB-AF96-30-00-13 Datasheet
131Kb / 6P
100-250V50/60HZ-DC Contactor
AF116-30-11-13 ABB-AF116-30-11-13 Datasheet
234Kb / 6P
AF116-30-11-13 Contactor
NFZ40E-23 ABB-NFZ40E-23 Datasheet
129Kb / 5P
NFZ40E-23 100-250V50/60HZ-DC Contactor Relay
A9-30-10 ABB-A9-30-10 Datasheet
100Kb / 5P
A9-30-10 24V 50Hz / 24V 60Hz Contactor
More results




Giới thiệu về ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com