công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AUP2G241 bảng dữ liệu (PDF) - Texas Instruments

SN74AUP2G241 Datasheet PDF - Texas Instruments
tên linh kiện SN74AUP2G241
tải về  SN74AUP2G241 tải về
kích thước tập tin   832.37 Kbytes
Page   29 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS

SN74AUP2G241 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
SN74AUP2G241 Datasheet PDF - Texas Instruments

tên linh kiện SN74AUP2G241
tải về  SN74AUP2G241 Click to download

kích thước tập tin   832.37 Kbytes
Page   29 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS

SN74AUP2G241 bảng dữ liệu (HTML) - Texas Instruments


SN74AUP2G241 Thông tin chi tiết sản phẩm

1FEATURES
• Available in the Texas Instruments NanoStar™
Package
• Low Static-Power Consumption
(ICC = 0.9 mA Maximum)
• Low Dynamic-Power Consumption
(Cpd = 4.2 pF Typ at 3.3 V)
• Low Input Capacitance (Ci = 1.5 pF Typical)
• Low Noise – Overshoot and Undershoot
<10% of VCC
• Ioff Supports Partial-Power-Down Mode
Operation
• Wide Operating VCC Range of 0.8 V to 3.6 V
• Optimized for 3.3-V Operation
• 3.6-V I/O Tolerant to Support Mixed-Mode
Signal Operation
• tpd = 9.9 ns Maximum at 3.3 V
• Suitable for Point-to-Point Applications
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)

DESCRIPTION/ORDERING INFORMATION
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static- and dynamic-power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in increased battery life (see Figure 1). This product also maintains excellent signal
integrity (see the very low undershoot and overshoot characteristics shown in Figure 2).
The SN74AUP2G241 is designed specifically to improve both the performance and density of 3-state
memory-address drivers, clock drivers, and bus-oriented receivers and transmitters.
NanoStar™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.




Số phần tương tự - SN74AUP2G241

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AUP2G241 TI-SN74AUP2G241 Datasheet
298Kb / 16P
LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G241 TI2-SN74AUP2G241 Datasheet
832Kb / 29P
LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED MAY 2010
SN74AUP2G241DCUR TI-SN74AUP2G241DCUR Datasheet
298Kb / 16P
LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G241DCUR TI2-SN74AUP2G241DCUR Datasheet
832Kb / 29P
LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED MAY 2010
SN74AUP2G241DCUR.B TI2-SN74AUP2G241DCUR.B Datasheet
832Kb / 29P
LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED MAY 2010
More results


Mô tả tương tự - SN74AUP2G241

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74LVC2G241 TI-SN74LVC2G241 Datasheet
380Kb / 14P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT306 TI-SN64BCT306 Datasheet
90Kb / 6P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_08 Datasheet
427Kb / 14P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240 Datasheet
432Kb / 12P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240 TI-SN74AUP2G240 Datasheet
284Kb / 12P
LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G241 TI-SN74AUP2G241 Datasheet
298Kb / 16P
LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240 TI-SN74AUP2G240_10 Datasheet
645Kb / 16P
LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240_1 Datasheet
538Kb / 13P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_09 Datasheet
526Kb / 15P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com