công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RS53419LR bảng dữ liệu (PDF) - Reed Semiconductor Corp.

RS53419LR Datasheet PDF - Reed Semiconductor Corp.
tên linh kiện RS53419LR
tải về  RS53419LR tải về
kích thước tập tin   469.69 Kbytes
Page   8 Pages
nhà sản xuất  REED [Reed Semiconductor Corp.]
Trang chủ  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Giải thích chi tiết về linh kiện 2.85V to 26V Input, 15A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit

RS53419LR Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
RS53419LR Datasheet PDF - Reed Semiconductor Corp.

tên linh kiện RS53419LR
tải về  RS53419LR Click to download

kích thước tập tin   469.69 Kbytes
Page   8 Pages
nhà sản xuất  REED [Reed Semiconductor Corp.]
Trang chủ  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Giải thích chi tiết về linh kiện 2.85V to 26V Input, 15A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit

RS53419LR bảng dữ liệu (HTML) - Reed Semiconductor Corp.


RS53419LR Thông tin chi tiết sản phẩm

Features
• Constant-On-Time Control with fast transient
response
• Input Voltage Range: 2.85V to 26V with
external bias, or 4.2V to 26V with internal bias
• Output Voltage Range: 0.5V to 5.5V for
RS53419L, 0.6V to 5.5V for RS53419H. 90%
max duty cycle
• 15A continuous output current
• Excellent load and line regulations with 0.6%
voltage accuracy
• Differential Remote Sensing
• Mode Selection Between Pulse Skip and CCM
at Light Load
• Programmable soft-start time
• Programmable Switch Valley Current Limit
• Adjustable Switching Frequency: 300kHz,
500kHz, 800kHz and 1000kHz
• Non-latch OCP, UVP, UVLO and OTP. Latchoff
OVP
• 3mm x 4mm 21-Pin QFN Package
• RoHS compliant and Green
Applications
• Laptop/desktop computer
• Industrial applications
• Networking system
• Gaming Consoles and Graphic Cards
• TV Power
Description
The RS53419 is a high-power density, fully
integrated synchronous buck converter. It has a
wide input voltage range, and can support up to 15A
continuous output current at defined conditions.
LDO is integrated internally, which is very suitable
for single input supply conditions. External bias is
optional for maximizing efficiency. A differential
sensing scheme and an internal feedback reference
voltage achieve ±1% tolerance over full temperature
range and, in conjunction, they perform an excellent
line and load regulation.
Switching frequency can be easily adjusted from
300kHz, 500kHz, 800kHz, to 1000kHz. The
RS53419 uses Constant-On-Time control scheme
with fast transient response. Pure MLCC output
capacitors can be used to save space and cost.
RS53419 has full protection features including OCP,
NOCP, OVP, UVP and over temperature protection
(OTP).
The RS53419 is available in a 3mm x 4mm 21-Pin
QFN package.




Số phần tương tự - RS53419LR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Reed Semiconductor Corp...
RS53417 REED-RS53417 Datasheet
401Kb / 8P
2.85V to 26V Input, 6A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit
RS53417HR REED-RS53417HR Datasheet
401Kb / 8P
2.85V to 26V Input, 6A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit
RS53417LR REED-RS53417LR Datasheet
401Kb / 8P
2.85V to 26V Input, 6A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit
More results


Mô tả tương tự - RS53419LR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Monolithic Power System...
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
2A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2490 MPS-MP2490 Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
MP2493 MPS-MP2493 Datasheet
1Mb / 12P
2A, 36V, Low EMI Step-Down Converter with Programmable Output Current Limit
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
2A Step-Down Converter with Adjustable Input Current Limit
logo
Monolithic Power System...
MPQ8633A MPS-MPQ8633A Datasheet
1Mb / 23P
16 V, 12 A, Synchronous Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MPQ8633B MPS-MPQ8633B Datasheet
1Mb / 21P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
MPQ8634A MPS-MPQ8634A Datasheet
1Mb / 20P
16V, 12A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MPQ8634B MPS-MPQ8634B Datasheet
1Mb / 20P
16V, 20A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com