công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RS53417LR bảng dữ liệu (PDF) - Reed Semiconductor Corp.

RS53417LR Datasheet PDF - Reed Semiconductor Corp.
tên linh kiện RS53417LR
tải về  RS53417LR tải về
kích thước tập tin   401.86 Kbytes
Page   8 Pages
nhà sản xuất  REED [Reed Semiconductor Corp.]
Trang chủ  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Giải thích chi tiết về linh kiện 2.85V to 26V Input, 6A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit

RS53417LR Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
RS53417LR Datasheet PDF - Reed Semiconductor Corp.

tên linh kiện RS53417LR
tải về  RS53417LR Click to download

kích thước tập tin   401.86 Kbytes
Page   8 Pages
nhà sản xuất  REED [Reed Semiconductor Corp.]
Trang chủ  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Giải thích chi tiết về linh kiện 2.85V to 26V Input, 6A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit

RS53417LR bảng dữ liệu (HTML) - Reed Semiconductor Corp.


RS53417LR Thông tin chi tiết sản phẩm

Features
• Constant-On-Time Control with fast transient
response
• Input Voltage Range: 2.85V to 26V with
external bias, or 4.2V to 26V with internal bias
• Reference voltage: 0.5V for RS53417L, and
0.6V for RS53417H
• 6A continuous output current
• Excellent load and line regulations with 0.6%
voltage accuracy
• Stable with Zero ESR Output Capacitor
• Output Voltage Discharge
• Mode Selection Between Pulse Skip and CCM
at Light Load
• PGOOD Active Clamped at Low Level during
Power Failure
• Programmable Switch Valley Current Limit
• Adjustable Switching Frequency: 300kHz,
500kHz, 800kHz, 1100kHz
• OCP, NOCP, UVP, UVLO, OTP and OVP
• 2mm x 3mm 14-Pin QFN Package
• RoHS compliant and Green
Applications
• Laptop and desktop computer
• Networking systems
• Industrial applications
Description
The RS53417 is a high-power density, fully
integrated synchronous buck converter. It has a
wide input voltage range and can support up to 6A
continuous output current at defined conditions.
LDO is integrated internally, which is very suitable
for single input supply conditions. External bias is
optional for maximizing efficiency. A differential
sensing scheme and an internal feedback reference
voltage achieve ±1% tolerance over full temperature
range and, in conjunction, they perform an excellent
line and load regulation.
Switching frequency can be easily selected from
300kHz, 500kHz, 800kHz and 1100kHz. The
RS53417 uses Constant-On-Time control scheme
with fast transient response. Pure MLCC output
capacitors can be used to save space and cost.
RS53417 has full protection features. OCP, UVP,
UVLO and OTP are non-latch mode. OVP is latchoff
mode.
The RS53417 is available in a 2mm x 3mm 14-Pin
QFN package.




Số phần tương tự - RS53417LR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Reed Semiconductor Corp...
RS53419 REED-RS53419 Datasheet
469Kb / 8P
2.85V to 26V Input, 15A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit
RS53419HR REED-RS53419HR Datasheet
469Kb / 8P
2.85V to 26V Input, 15A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit
RS53419LR REED-RS53419LR Datasheet
469Kb / 8P
2.85V to 26V Input, 15A Sync Step-Down Converter with Programmable Switching Frequency and Over Current Limit
More results


Mô tả tương tự - RS53417LR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Monolithic Power System...
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
2A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2490 MPS-MP2490 Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
2A Step-Down Converter with Adjustable Input Current Limit
logo
Monolithic Power System...
MPQ8633B MPS-MPQ8633B Datasheet
1Mb / 21P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP8756 MPS-MP8756 Datasheet
917Kb / 22P
26V, 6A, Low IQ, High-Current, Synchronous, Step-Down Converter
MPQ8623 MPS-MPQ8623 Datasheet
1Mb / 20P
16V, 6A, High Efficiency, Synchronous, Step-Down Converter with Adjustable Current Limit
MPQ8634A MPS-MPQ8634A Datasheet
1Mb / 20P
16V, 12A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MPQ8634B MPS-MPQ8634B Datasheet
1Mb / 20P
16V, 20A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MPQ8626 MPS-MPQ8626 Datasheet
1Mb / 23P
16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
Rev. 1.1 8/16/2022
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com