công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS37044LJOJDDFR bảng dữ liệu (PDF) - Texas Instruments

TPS37044LJOJDDFR Datasheet PDF - Texas Instruments
tên linh kiện TPS37044LJOJDDFR
tải về  TPS37044LJOJDDFR tải về
kích thước tập tin   2963.45 Kbytes
Page   40 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor

TPS37044LJOJDDFR Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TPS37044LJOJDDFR Datasheet PDF - Texas Instruments

tên linh kiện TPS37044LJOJDDFR
tải về  TPS37044LJOJDDFR Click to download

kích thước tập tin   2963.45 Kbytes
Page   40 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor

TPS37044LJOJDDFR bảng dữ liệu (HTML) - Texas Instruments


TPS37044LJOJDDFR Thông tin chi tiết sản phẩm

1 Features
• ASIL-A Functional Safety-Compliant
– Development targeted for functional safety
applications
– Documentation to aid ISO 26262 system design
– Systematic capability up to ASIL D
– Hardware capability up to ASIL A
• AEC-Q100 qualified for automotive applications
– Device temperature grade 1: –40°C to +125°C
• 1-4 channels for monitoring state-of-the art SOCs
– High ±0.25% (typical) threshold accuracy
– Configure each channel for Window, UV, or OV
voltage monitoring
– Programmable window tolerance [3% to 11%
(typical*)] for each channel
– Easy to use calculator tool for adjustable
versions
– Designed to monitor Core and GPIO rails of TI
processors (AM26x, AM62x, TDA4)
• Miniature solution with low power consumption
– 5.5μA typical quiescent current
– Compact 6 pin SOT-23 package (2.9mm x
1.6mm)
• Additional Features
– Built-in hysteresis to prevent false trip on
RESET: 0.75% (typical)
– 23 fixed time delay options (selectable from
20μs to 1200ms)
– Open drain or push-pull output topology
available

2 Applications
• Advanced Driver Assistance System (ADAS)
• Automotive infotainment and cluster
• HEV/EV
• Body electronics and lighting

3 Description
The TPS3704-Q1 is an ASIL-A compliant low-power
precision window (UV +OV) voltage supervisor that
can be configured and is available in an 8-pin (1.6mm
x 2.9mm) SOT-23 package. This highly accurate
(±0.25%) supervisor is available as a quad, triple,
dual, and or single channel options. Each channel
can be customized to its own overvoltage and
undervoltage window detection with an upper and
lower threshold tolerance that can be symmetric or
asymmetric.
TPS3704-Q1 allows for highly accurate threshold
detection with high resolution that is designed for
systems operating on low-voltage supply rails with
narrow margin supply tolerances. In addition, the
built-in low threshold hysteresis and fixed reset delay
features prevent false reset signals when monitoring
multiple voltage rails.
The TPS3704-Q1 does not require any external
resistors for setting the overvoltage and undervoltage
reset thresholds which improves reliability for safety
systems and optimizes overall accuracy, cost, solution
size. Optional use of external resistors for design
flexibility is supported by the SENSEx pins. Separate
VDD and SENSEx pins allow monitoring of voltage
rails other than VDD or alternatively enables use of a
push-button input.




Số phần tương tự - TPS37044LJOJDDFR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS37044LJOJDDFR TI1-TPS37044LJOJDDFR Datasheet
2Mb / 38P
TPS3704x Quad, Triple, Dual Window or Standard Voltage Supervisor
REVISED DECEMBER 2023
More results


Mô tả tương tự - TPS37044LJOJDDFR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS3704-Q1 TI-TPS3704-Q1 Datasheet
3Mb / 37P
TPS3704x-Q1 Quad/Triple/Dual/Single Window or Standard Voltage Supervisor
TPS3704 TI-TPS3704 Datasheet
3Mb / 37P
TPS3704x Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
JULY 2021
TPS3704 TI-TPS3704_V01 Datasheet
2Mb / 34P
TPS3704x Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
DECEMBER 2021
TPS3704-Q1 TI-TPS3704-Q1_V01 Datasheet
3Mb / 37P
TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
MAY 2022
TPS3704-Q1 TI-TPS3704-Q1_V02 Datasheet
3Mb / 37P
TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
REVISED MAY 2022
TPS36-Q1 TI-TPS36-Q1_V01 Datasheet
1Mb / 39P
TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS36-Q1 TI1-TPS36-Q1_V03 Datasheet
1Mb / 39P
TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS3704-Q1 TI1-TPS3704-Q1_V03 Datasheet
2Mb / 40P
TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
REVISED NOVEMBER 2023
TPS3704 TI1-TPS3704_V02 Datasheet
2Mb / 38P
TPS3704x Quad, Triple, Dual Window or Standard Voltage Supervisor
REVISED DECEMBER 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com