công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS37044LJOJDDFR bảng dữ liệu (PDF) - Texas Instruments

TPS37044LJOJDDFR Datasheet PDF - Texas Instruments
tên linh kiện TPS37044LJOJDDFR
tải về  TPS37044LJOJDDFR tải về
kích thước tập tin   2892.47 Kbytes
Page   38 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TPS3704x Quad, Triple, Dual Window or Standard Voltage Supervisor

TPS37044LJOJDDFR Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
TPS37044LJOJDDFR Datasheet PDF - Texas Instruments

tên linh kiện TPS37044LJOJDDFR
tải về  TPS37044LJOJDDFR Click to download

kích thước tập tin   2892.47 Kbytes
Page   38 Pages
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments
Giải thích chi tiết về linh kiện TPS3704x Quad, Triple, Dual Window or Standard Voltage Supervisor

TPS37044LJOJDDFR bảng dữ liệu (HTML) - Texas Instruments


TPS37044LJOJDDFR Thông tin chi tiết sản phẩm

1 Features
• Up to four independent voltage supervisor
channels:
– Fixed and adjustable window, UV, or OV
voltage options. See Table 4-1 for available
options.
– Easy to use calculator tool for adjustable
versions
– High threshold accuracy: ±0.25% (typical)
– Built-in precision hysteresis: 0.75% (typical)
– Fixed time delay options
– Open drain outputs
• Designed to support Arm-based processors such
as TDA4, Sitara AM33xx, and advanced FPGAs
and SOCs
• Low quiescent current: 15 μA (maximum)
• Temperature range: –40°C to +125°C
• Functional Safety-Compliant
– Systematic capability up to SIL 3
– Hardware capability up to SIL 1

2 Applications
• Factory automation
• Building automation
• Medical
• Motor drives
• Grid infrastructure
• Wireless infrastructure
• Data center & enterprise computing

3 Description
The TPS3704x is a low-power precision window or
standard voltage supervisor that can be configured as
a quad, triple, or dual channel. Each channel has a
threshold accuracy of ±1% in an 8-pin
(1.6 mm x 2.9 mm) SOT-23 package offering a small
solution size. The TPS3704x includes a very accurate
threshold detection, with high resolution, that is ideal
for systems that operate on low-voltage supply rails
and have narrow margin supply tolerances. Built-in
low threshold hysteresis and a fixed reset delay
prevent false reset signals when monitoring multiple
voltage rails.
The TPS3704x does not require any external resistors
for setting the over and undervoltage reset thresholds,
which further optimizes overall high accuracy, cost,
solution size, and improves reliability for safety
systems.
Separate VDD and SENSEx pins allow monitoring of
rail voltages other than VDD or can be used as a
push-button input. Optional use of external resistors
are supported by the SENSEx pins. Each channel
on the TPS3704x can be customized to its own over
and undervoltage window detection with an upper and
lower threshold tolerance that can be symmetric or
asymmetric.




Số phần tương tự - TPS37044LJOJDDFR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS37044LJOJDDFR TI1-TPS37044LJOJDDFR Datasheet
2Mb / 40P
TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
MAY 2024
More results


Mô tả tương tự - TPS37044LJOJDDFR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TSM111 STMICROELECTRONICS-TSM111 Datasheet
154Kb / 18P
TRIPLE VOLTAGE AND CURRENT SUPERVISOR
May-1999
TSM111 STMICROELECTRONICS-TSM111_03 Datasheet
789Kb / 17P
TRIPLE VOLTAGE AND CURRENT SUPERVISOR
Jan-2003
logo
ON Semiconductor
CAT8710 ONSEMI-CAT8710 Datasheet
172Kb / 7P
Quad Voltage Supervisor
March, 2010 ??Rev. 1
CAT884 ONSEMI-CAT884 Datasheet
116Kb / 8P
Quad Voltage Supervisor
October, 2010 ??Rev. 0
logo
Texas Instruments
TPS3704-Q1 TI-TPS3704-Q1 Datasheet
3Mb / 37P
TPS3704x-Q1 Quad/Triple/Dual/Single Window or Standard Voltage Supervisor
TPS3704 TI-TPS3704 Datasheet
3Mb / 37P
TPS3704x Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
JULY 2021
TPS3704 TI-TPS3704_V01 Datasheet
2Mb / 34P
TPS3704x Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
DECEMBER 2021
TPS3704-Q1 TI-TPS3704-Q1_V01 Datasheet
3Mb / 37P
TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
MAY 2022
TPS3704-Q1 TI-TPS3704-Q1_V02 Datasheet
3Mb / 37P
TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
REVISED MAY 2022
TPS3704-Q1 TI1-TPS3704-Q1_V03 Datasheet
2Mb / 40P
TPS3704-Q1 Automotive Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
REVISED NOVEMBER 2023
More results




Giới thiệu về Texas Instruments


Texas Cụ (TI) là một công ty giao dịch công khai, thiết kế và sản xuất các sản phẩm bán dẫn và công nghệ máy tính.

Nó được thành lập vào năm 1930 và có trụ sở tại Dallas, Texas.

TI là một nhà lãnh đạo toàn cầu trong việc sản xuất các mạch tích hợp tín hiệu tương tự và tín hiệu số (DSP), cũng như các bộ xử lý nhúng và các sản phẩm vi điều khiển khác.

Công ty phục vụ khách hàng trong một loạt các ngành công nghiệp, bao gồm ô tô, truyền thông, điện toán, công nghiệp và điện tử tiêu dùng.

Danh mục sản phẩm của TI bao gồm bộ chuyển đổi dữ liệu, bộ khuếch đại và bộ so sánh, IC quản lý năng lượng, bộ vi điều khiển, cảm biến và giải pháp kết nối không dây, trong số những người khác.

TI cam kết đổi mới và sự hài lòng của khách hàng, và có một lịch sử lâu dài về việc cung cấp các sản phẩm chất lượng cao, đáng tin cậy cho khách hàng của mình.

Tập trung vào tính bền vững và hiệu quả năng lượng, TI được dành riêng để tạo ra tác động tích cực đến thế giới thông qua công nghệ và sản phẩm của nó.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com