|
The 2-channel IMX12-DO01-2U-2U-0/24VDC/
CC solenoid driver provides an intrinsically
safe output signal limited in current and voltage. Loads in the Ex area can thus be supplied directly. Typical applications are the control of Ex i pilot valves and the powering of
displays and transmitters.
The device is ready for operation when power is applied. The green LED indicates operational readiness. A yellow LED indicates the
switching state of the associated output.
The device can detect a wire break or short
circuit when a "high" is present at the input.
The input then switches to high impedance.
An error in the output circuit causes the red
LED to flash according to NE44.
The device can be used in safety circuits up to
SIL2 (high and low demand according to IEC
61508) and meets the requirements of NE21.
It is equipped with removable spring type terminals.
The device is equipped with removable
spring-type terminals.
■ Output circuits monitored for wire-break
and short-circuit
■ Complete galvanic isolation
■ Input reverse-polarity protected
■ Removable spring type terminals
■ ATEX, IECEx, cUL, cFM, INMETRO, NEPSI, Kosha, TR CU EAC, TIIS
■ Installation in zone 2
■ SIL 2
|