|
The 1-channel IMX12-DO01-1U-1U-0/24VDC
solenoid driver provides an intrinsically safe
output voltage limited in current and voltage.
Loads in the Ex area can thus be supplied directly. Typical applications are the control of
Ex i pilot valves, the powering of displays and
transmitters.
The device is ready for operation when power is applied. The Pwr LED lights green to indicate operational readiness. A yellow LED indicates the switching state of the associated
output.
The device can detect a wire break or short
circuit when a "high" is present at the input.
The input then switches to high impedance.
An error in the output circuit causes the red
LED to flash according to NE44.
The device can be used in safety circuits up
to SIL2 (high and low demand according to
IEC 61508) and meets the requirements of
the NE21. It is equipped with removable screw
terminals.
The device is equipped with removable screw
terminals.
■ Output circuits monitored for wire-break
and short-circuit
■ Complete galvanic isolation
■ Input reverse-polarity protected
■ Removable screw terminals
■ ATEX, IECEx, cUL, cFM, INMETRO, NEPSI, Kosha, TR CU EAC, TIIS
■ Installation in zone 2
■ SIL 2
|